Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6527IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6527IRZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6527IRZ Datasheet HTML 1Page - Intersil Corporation ISL6527IRZ Datasheet HTML 2Page - Intersil Corporation ISL6527IRZ Datasheet HTML 3Page - Intersil Corporation ISL6527IRZ Datasheet HTML 4Page - Intersil Corporation ISL6527IRZ Datasheet HTML 5Page - Intersil Corporation ISL6527IRZ Datasheet HTML 6Page - Intersil Corporation ISL6527IRZ Datasheet HTML 7Page - Intersil Corporation ISL6527IRZ Datasheet HTML 8Page - Intersil Corporation ISL6527IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9056.10
November 18, 2008
Functional Pin Description
14 LD (SOIC)
TOP VIEW
16 LD 5X5 (QFN)
TOP VIEW
VCC
This pin provides the bias supply for the ISL6527, ISL6527A.
Connect a well-decoupled 3.3V supply to this pin.
COMP and FB
COMP and FB are two of the three available external pins of
the error amplifier. The FB pin is the inverting input of the
internal error amplifier and the COMP pin is the error
amplifier output. These pins are used to compensate the
voltage-control feedback loop of the converter.
REF_IN
This pin is the third available external pin of the error
amplifier and represents the non-inverting input to the error
amplifier. Connect the desired reference voltage to this pin.
Voltage applied to this pin must not exceed 1.5V.
GND
This pin represents the signal and power ground for the IC.
Tie this pin to the ground island/plane through the lowest
impedance connection available.
PHASE
Connect this pin to the upper MOSFET’s source. This pin is
used to monitor the voltage drop across the upper MOSFET
for overcurrent protection.
UGATE
Connect this pin to the upper MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive
shoot-through protection circuitry to determine when the
upper MOSFET has turned off.
BOOT
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create a
voltage suitable to drive a logic-level N-channel MOSFET.
LGATE
Connect this pin to the lower MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the lower
MOSFET. This pin is also monitored by the adaptive
shoot-through protection circuitry to determine when the
lower MOSFET has turned off.
OCSET/SD
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET (VIN). ROCSET, an internal 20µA current
source (IOCSET), and the upper MOSFET ON-resistance
(rDS(ON)) set the converter overcurrent (OC) trip point
according to Equation 1:
An overcurrent trip cycles the soft-start function.
Pulling OCSET/SD to a voltage level below 0.8V disables
the controller. Disabling the ISL6527, ISL6527A causes the
oscillator to stop, the LGATE and UGATE outputs to be held
low, and the soft-start circuitry to re-arm.
CT1 and CT2
These pins are the connections for the external charge
pump capacitor. A minimum of a 0.1µF ceramic capacitor is
recommended for proper operation of the IC.
CPVOUT
This pin represents the output of the charge pump. The
voltage at this pin is the bias voltage for the IC. Connect a
decoupling capacitor from this pin to ground. The value of
the decoupling capacitor should be at least 10x the value of
the charge pump capacitor. This pin may be tied to the
bootstrap circuit as the source for creating the BOOT
voltage.
CPGND
This pin represents the signal and power ground for the
charge pump. Tie this pin to the ground island/plane through
the lowest impedance connection available.
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET/SD
FB
CPGND
REF_IN
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET/SD
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC
I
PEAK
I
OCSETxROCSET
r
DS ON
()
-------------------------------------------------
=
(EQ. 1)
ISL6527, ISL6527A


Similar Part No. - ISL6527IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6527IRZ RENESAS-ISL6527IRZ Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6527IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com