Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526CRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6526CRZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526CRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6526CRZ Datasheet HTML 2Page - Intersil Corporation ISL6526CRZ Datasheet HTML 3Page - Intersil Corporation ISL6526CRZ Datasheet HTML 4Page - Intersil Corporation ISL6526CRZ Datasheet HTML 5Page - Intersil Corporation ISL6526CRZ Datasheet HTML 6Page - Intersil Corporation ISL6526CRZ Datasheet HTML 7Page - Intersil Corporation ISL6526CRZ Datasheet HTML 8Page - Intersil Corporation ISL6526CRZ Datasheet HTML 9Page - Intersil Corporation ISL6526CRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Functional Pin Description
14 LEAD (SOIC)
TOP VIEW
16 LEAD 5X5 (QFN)
TOP VIEW
VCC
This pin provides the bias supply for the ISL6526. Connect a
well-decoupled 3.3V supply to this pin.
COMP and FB
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the internal
error amplifier and the COMP pin is the error amplifier
output. These pins are used to compensate the voltage-
control feedback loop of the converter.
GND
This pin represents the signal and power ground for the IC.
Tie this pin to the ground island/plane through the lowest
impedance connection available.
PHASE
Connect this pin to the upper MOSFET’s source. This pin is
used to monitor the voltage drop across the upper MOSFET
for overcurrent protection.
UGATE
Connect this pin to the upper MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the upper
MOSFET has turned off.
BOOT
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create a
voltage suitable to drive a logic-level N-Channel MOSFET.
LGATE
Connect this pin to the lower MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the lower
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the lower
MOSFET has turned off.
OCSET
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET (VIN). ROCSET, an internal 20µA current
source (IOCSET), and the upper MOSFET on-resistance
(rDS(ON)) set the converter overcurrent (OC) trip point
according to the following equation:
An overcurrent trip cycles the soft-start function.
GATE DRIVERS
Upper Gate Source Current
IUGATE-SRC VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1
-
A
Upper Gate Sink Current
IUGATE-SNK
-1-
A
Lower Gate Source Current
ILGATE-SRC VVCC = 3.3V, VLGATE = 4V
-
-1
-
A
Lower Gate Sink Current
ILGATE-SNK
-2-
A
PROTECTION/DISABLE
OCSET Current Source
IOCSET
Commercial
182022
µA
Industrial
16
20
22
µA
Disable Threshold
VDISABLE
--
0.8
V
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted VCC = 3.3V±5% and TA = 25°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET
FB
CPGND
ENABLE
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC
IPEAK
IOCSETxROCSET
rDS ON
()
-------------------------------------------------
=
ISL6526


Similar Part No. - ISL6526CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526CRZ INTERSIL-ISL6526CRZ Datasheet
338Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6526CRZ RENESAS-ISL6526CRZ Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526CRZ INTERSIL-ISL6526CRZ Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
logo
Renesas Technology Corp
ISL6526CRZ-T RENESAS-ISL6526CRZ-T Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526CRZ-T INTERSIL-ISL6526CRZ-T Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
More results

Similar Description - ISL6526CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com