Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6269B Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6269B
Description  High-Performance Notebook PWM Controller with Audio-Frequency Clamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6269B Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6269B Datasheet HTML 5Page - Intersil Corporation ISL6269B Datasheet HTML 6Page - Intersil Corporation ISL6269B Datasheet HTML 7Page - Intersil Corporation ISL6269B Datasheet HTML 8Page - Intersil Corporation ISL6269B Datasheet HTML 9Page - Intersil Corporation ISL6269B Datasheet HTML 10Page - Intersil Corporation ISL6269B Datasheet HTML 11Page - Intersil Corporation ISL6269B Datasheet HTML 12Page - Intersil Corporation ISL6269B Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6280.1
August 7, 2006
The OCP circuit does not directly detect the DC load current
leaving the converter. The OCP circuit detects the peak of
positive-flowing output inductor current. The low-side
MOSFET drain current ID is assumed to be equal to the
positive output inductor current when the high-side MOSFET
is off. The inductor current develops a negative voltage
across the r DS(on) of the low-side MOSFET that is
measured shortly after the LG gate-driver output goes high.
The ISEN pin sources the OCP sense current ISEN, through
the OCP programming resistor RSEN, forcing the ISEN pin to
zero volts with respect to the GND pin. The negative voltage
across the PHASE and GND pins is nulled by the voltage
dropped across RSEN as ISEN conducts through it. An OCP
fault occurs if ISEN rises above the OCP threshold current
IOC while attempting to null the negative voltage across the
PHASE and GND pins. ISEN must exceed IOC on all the
PWM pulses that occur within 20µs. If ISEN falls below IOC
on a PWM pulse before 20µs has elapsed, the timer will be
reset. An SCP fault will occur within 10µs when ISEN
exceeds twice IOC. The relationship between ID and ISEN is
written as:
The value of RSEN is then written as:
Where:
-RSEN (Ω) is the resistor used to program the
overcurrent setpoint
-ISEN is the current sense current that is sourced from
the ISEN pin
-IOC is the ISEN threshold current sourced from the ISEN
pin that will activate the OCP circuit
-IFL is the maximum continuous DC load current
-IPP is the inductor peak-to-peak ripple current
-OCSP is the desired overcurrent setpoint expressed as
a multiplier relative to IFL
Overvoltage Protection
When an OVP fault is detected, the PGOOD pin will pull
down to 60
Ω and latch-off the converter. The OVP fault will
remain latched until the EN pin has been pulled below the
falling EN threshold voltage VENTHF or if VCC has decayed
below the falling POR threshold voltage VVCC_THF.
The OVP fault detection circuit triggers after the voltage
across the FB and GND pins has increased above the rising
overvoltage threshold VOVR. Although the converter has
latched-off in response to an OVP fault, the LG gate-driver
output will retain the ability to toggle the low-side MOSFET
on and off, in response to the output voltage transversing the
VOVR and VOVF thresholds.
Undervoltage Protection
When a UVP fault is detected, the PGOOD pin will pull down
to 95
Ω and latch-off the converter. The fault will remain
latched until the EN pin has been pulled below the falling EN
threshold voltage VENTHF or if VCC has decayed below the
falling POR threshold voltage VVCC_THF. The UVP fault
detection circuit triggers after the voltage across the FB and
GND pins has fallen below the undervoltage threshold VUV.
Over-Temperature
When the temperature of the ISL6269B increases above the
rising threshold temperature TOTR, the IC will enter an OTP
state that suspends the PWM , forcing the LG and UG
gate-driver outputs low. The status of the PGOOD pin does
not change nor does the converter latch-off. The PWM
remains suspended until the IC temperature falls below the
hysteresis temperature TOTHYS at which time normal PWM
operation resumes. The OTP state can be reset if the EN pin
is pulled below the falling EN threshold voltage VENTHF or if
VCC decays below the falling POR threshold voltage
V
VCC_THF. All other protection circuits function normally
during OTP. It is likely that the IC will detect an UVP fault
because in the absence of PWM, the output voltage
immediately decays below the undervoltage threshold VUV;
the PGOOD pin will pulldown to 95Ω and latch-off the
converter. The UVP fault will remain latched until the EN pin
has been pulled below the falling EN threshold voltage
VENTHF or if VCC has decayed below the falling POR
threshold voltage VVCC_THF.
I
SEN RSEN
I
D rDS on
()
=
(EQ. 3)
(EQ. 4)
R
SEN
I
FL
I
PP
2
---------
+
⎝⎠
⎛⎞
OC
SP
r
DS on
()
I
OC
--------------------------------------------------------------------------
=
ISL6269B


Similar Part No. - ISL6269B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6269B RENESAS-ISL6269B Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
ISL6269BCRZ INTERSIL-ISL6269BCRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
logo
Renesas Technology Corp
ISL6269BCRZ RENESAS-ISL6269BCRZ Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269BIRZ INTERSIL-ISL6269BIRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
More results

Similar Description - ISL6269B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6269B RENESAS-ISL6269B Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269 Datasheet
278Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
ISL6269BCRZ INTERSIL-ISL6269BCRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269_06 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com