Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526CBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6526CBZ-T
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526CBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6526CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 11Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 12Page - Intersil Corporation ISL6526CBZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
such as to other distributed loads on the rail or through a
voltage limiting protection device, the capacitance on this rail
will absorb the current. This situation will allow the voltage
level of the input rail to increase. If the voltage level of the rail
is boosted to a level that exceeds the maximum voltage
rating of any components attached to the input rail, then
those components may experience an irreversible failure or
experience stress that may shorten their lifespan. Ensuring
that there is a path for the current to flow other than the
capacitance on the rail will prevent this failure mode.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
300kHz or 600kHz, the resulting current transitions from one
device to another causing voltage spikes across the
interconnecting impedances and parasitic circuit elements.
These voltage spikes can degrade efficiency, radiate noise
into the circuit, and lead to device overvoltage stress.
Careful component layout and printed circuit board design
minimizes the voltage spikes in the converters.
As an example, consider the turn-off transition of the PWM
MOSFET. Prior to turn-off, the MOSFET is carrying the full load
current. During turn-off, current stops flowing in the MOSFET
and is picked up by the lower MOSFET. Any parasitic
inductance in the switched current path generates a large
voltage spike during the switching interval. Careful component
selection, tight layout of the critical components, and short, wide
traces minimizes the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using the ISL6526. The switching components are
the most critical because they switch large amounts of
energy, and therefore tend to generate large amounts of
noise. Next are the small signal components which connect
to sensitive nodes or supply critical bypass current and
signal coupling.
A multi-layer printed circuit board is recommended. Figure 4
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground
plane and make all critical component ground connections
with vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminals to the output inductor short. The power
plane should support the input power and output power
nodes. Use copper filled polygons on the top and bottom
circuit layers for the phase nodes. Use the remaining printed
circuit layers for small signal wiring. The wiring traces from
the GATE pins to the MOSFET gates should be kept short
and wide enough to easily handle the 1A of drive current.
The switching components should be placed close to the
ISL6526 first. Minimize the length of the connections between
the input capacitors, CIN, and the power switches by placing
them nearby. Position both the ceramic and bulk input
capacitors as close to the upper MOSFET drain as possible.
Position the output inductor and output capacitors between the
upper MOSFET and lower MOSFET and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Position the bypass capacitor, CBP, close to
the VCC pin with a via directly to the ground plane. Place the
PWM converter compensation components close to the FB
and COMP pins. The feedback resistors for both regulators
should also be located as close as possible to the relevant
FB pin with vias tied straight to the ground plane as required.
Feedback Compensation
Figure 5 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The
error amplifier (Error Amp) output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse-
VOUT
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT
CIN
+3.3V VIN
KEY
COMP
ISL6526
UGATE
R4
R2
CBP
FB
GND
CPVOUT
FIGURE 4. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
R1
BOOT
C2
VIA CONNECTION TO GROUND PLANE
Q1
CBOOT
PHASE
D1
R3
C3
C1
Q2
LGATE
PHASE
VCC
CVCC
ISL6526


Similar Part No. - ISL6526CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6526CBZ-T RENESAS-ISL6526CBZ-T Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526CBZ-T INTERSIL-ISL6526CBZ-T Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
More results

Similar Description - ISL6526CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com