Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54502IHZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54502IHZ-T
Description  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54502IHZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54502IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6550.2
October 26, 2009
Pin Configurations (Note 5)
ISL54501
(6 LD µTDFN)
TOP VIEW
ISL54502
(6 LD µTDFN)
TOP VIEW
ISL54501
(6 LD SOT-23)
TOP VIEW
ISL54502
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
3
2
1
6
5
4
IN
V+
GND
NO
N.C.
COM
3
2
1
6
5
4
IN
V+
GND
N.C.
NC
COM
4
5
6
1
2
3
N.C.
IN
NO
GND
V+
COM
4
5
6
1
2
3
NC
IN
N.C.
GND
V+
COM
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.8V to +5.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Connect
Truth Table
LOGIC
ISL54501
ISL54502
0Off
On
1On
Off
NOTE: Logic “0” ≤0.5V. Logic “1” ≥1.4V with a 3V supply.
ISL54501, ISL54502


Similar Part No. - ISL54502IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54502IHZ-T RENESAS-ISL54502IHZ-T Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
More results

Similar Description - ISL54502IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4604 MAXIM-MAX4604 Datasheet
202Kb / 12P
   5ohm, Quad, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com