Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54501IHZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54501IHZ-T
Description  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54501IHZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54501IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
+1.8V to +5.5V, 5Ω, Single SPST Analog Switches
ISL54501, ISL54502
The Intersil ISL54501 and ISL54502 devices are low
ON-resistance, low voltage, bi-directional, single
pole/single throw (SPST) analog switches designed to
operate from a single +1.8V to +5.5V supply. Targeted
applications include battery powered equipment that
benefit from low rON resistance (5Ω), excellent rON
flatness, and fast switching speeds (tON = 22ns, tOFF
= 15ns). The digital logic input is 1.8V CMOS
compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well
suited to analog switch performance. This family of
parts may be used to switch in additional functionality
while reducing ASIC design risk. The ISL54501,
ISL54502 are offered in a 6 Ld 1.2mmx1.0mmx0.4mm
pitch µTDFN package, alleviating board space
limitations.
The ISL54501 has one normally open (NO) switch and
ISL54502 has one normally closed (NC) switch.
Features
• ON-resistance (rON)
-VCC = +5.0V . . . . . . . . . . . . . . . . . . . . . 5.0Ω
-VCC = +3.0V . . . . . . . . . . . . . . . . . . . . . 7.0Ω
-VCC = +1.8V . . . . . . . . . . . . . . . . . . . . . 13Ω
•rON Flatness (+4.5V Supply) . . . . . . . . . . . . . 1.1Ω
• Single Supply Operation . . . . . . . . +1.8V to +5.5V
• Fast Switching Action (+4.5V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . 6kV
• 1.8V CMOS Logic Compatible (+3V supply)
• Available in 6 Ld µTDFN and 6 Ld SOT-23 Packages
• Pb-free Available (RoHS compliant)
Applications
• Battery powered, handheld, and portable
equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable Test and Measurement
•Medical Equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount
Devices (SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54501
ISL54502
NUMBER OF
SWITCHES
11
SW
NO
NC
1.8V rON
12Ω
12Ω
1.8V tON/tOFF
70ns/52ns
70ns/52ns
3V rON
6.0Ω
6.0Ω
3V tON/tOFF
30ns/20ns
30ns/20ns
5V rON
5.0Ω
5.0Ω
5V tON/tOFF
22ns/15ns
22ns/15ns
Packages
6 Ld µTDFN, 6 Ld SOT-23
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 26, 2009
FN6550.2


Similar Part No. - ISL54501IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54501IHZ-T RENESAS-ISL54501IHZ-T Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
More results

Similar Description - ISL54501IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4604 MAXIM-MAX4604 Datasheet
202Kb / 12P
   5ohm, Quad, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com