Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6441IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6441IRZ
Description  1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6441IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6441IRZ Datasheet HTML 5Page - Intersil Corporation ISL6441IRZ Datasheet HTML 6Page - Intersil Corporation ISL6441IRZ Datasheet HTML 7Page - Intersil Corporation ISL6441IRZ Datasheet HTML 8Page - Intersil Corporation ISL6441IRZ Datasheet HTML 9Page - Intersil Corporation ISL6441IRZ Datasheet HTML 10Page - Intersil Corporation ISL6441IRZ Datasheet HTML 11Page - Intersil Corporation ISL6441IRZ Datasheet HTML 12Page - Intersil Corporation ISL6441IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN9197.1
October 4, 2005
FIGURE 7. LOAD TRANSIENT RESPONSE VOUT1 (3.3V)
FIGURE 8. LOAD TRANSIENT RESPONSE VOUT2 (3.3V)
FIGURE 9. PWM SOFT-START WAVEFORM
FIGURE 10. OVERCURRENT HICCUP MODE OPERATION
FIGURE 11. PWM1 EFFICIENCY vs LOAD, VIN = 5V,
VOUT = 3.3V
FIGURE 12. PWM2 EFFICIENCY vs LOAD, VIN = 5V,
VOUT = 3.3V
Typical Performance Curves (Continued)
Oscilloscope Plots are Taken Using the ISL6441AEVAL Evaluation Board, VIN = 12V, Unless Otherwise Noted.
VOUT1 200mV/DIV
IOUT1 1A/DIV
AC COUPLED
VOUT2 200mV/DIV
AC COUPLED
IOUT2 1A/DIV
VCC_5V 1V/DIV
VOUT1 1V/DIV
VOUT1 2V/DIV
IL1 2A/DIV
SS1 2V/DIV
70
80
100
01
2.5
3.5
LOAD CURRENT (A)
0.5
1.5
2
3
4
90
70
80
100
01
2.5
3.5
LOAD CURRENT (A)
0.5
1.5
2
3
4
90
ISL6441


Similar Part No. - ISL6441IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6441IRZ RENESAS-ISL6441IRZ Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6441IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com