Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8104EVAL2Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8104EVAL2Z
Description  8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation PWM Controller With Integrated Gate Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8104EVAL2Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8104EVAL2Z Datasheet HTML 4Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 9Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 10Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 11Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN9257.0
February 13, 2006
Determine the overcurrent trip point greater than the
maximum output continuous current at maximum inductor
ripple current.
High Speed MOSFET Gate Driver
The integrated driver has the same drive capability and
feature as the Intersil’s 12V gate driver, ISL6612. The PWM
tri-state feature helps prevent a negative transient on the
output voltage when the output is being shut down. This
eliminates the Schottky diode that is used in some systems
for protecting the microprocessor from reversed-output-
voltage damage. See the ISL6612 datasheet for
specification parameters that are not defined in the current
ISL8104 electrical specifications table
.
Reference Input
The REFIN pin allows the user to bypass the internal 0.597V
reference with an external reference. If REFIN is NOT above
~2.2V, the external reference pin is used as the control
reference instead of the internal 0.597V reference. When not
using the external reference option the REFIN pin should be
left floating. An internal 6mA pull-up keeps this REFIN pin
above 2.2V in this situation.
Internal Reference and System Accuracy
The Internal Reference is set to 0.597V. The total DC system
accuracy of the system is to be within 1.0% over commercial
temperature range and 1.5% over the industrial temperature
range. System Accuracy includes Error Amplifier offset, and
Reference Error. The use of REFIN may add up to 3mV of
offset error into the system (as the Error Amplifier offset is
trimmed out via the internal System reference.)
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the
impedances of the interconnecting bond wires and circuit
traces. These interconnecting impedances should be
minimized by using wide, short printed circuit traces. The
critical components should be located as close together as
possible using ground plane construction or single point
grounding.
A multi-layer printed circuit board is recommended. Figure 5
shows the critical components of the converter. Note that
capacitors CIN and COUT could each represent numerous
physical capacitors. Dedicate one solid layer, usually a
middle layer of the PC board, for a ground plane and make
all critical component ground connections with vias to this
layer. Dedicate another solid layer as a power plane and
break this plane into smaller islands of common voltage
levels. Keep the metal runs from the PHASE terminals to the
output inductor short. The power plane should support the
input power and output power nodes. Use copper filled
polygons on the top and bottom circuit layers for the phase
nodes. Use the remaining printed circuit layers for small
signal wiring.
R
OCSET
I
OC_SOURCE
I
2
-----
+


r
DS ON
()
I
HSOC
N
U
----------------------------------------------------------------------------------
=
N
U
NUMBER OF HIGH SIDE MOSFETs
=
R
OCSET
I
OC_SOURCE
r
DS ON
()
200
µA
----------------------------------------------------------------
=
Simple OCP Equation
Detailed OCP Equation
∆I =
V
IN - VOUT
F
SW
L
OUT
---------------------------------
V
OUT
V
IN
----------------
F
SW
Regulator Switching Frequency
=
VOUT
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT AND/OR POWER PLANE LAYER
LOUT
COUT
CIN
VIN
KEY
FIGURE 5. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
VIA CONNECTION TO GROUND PLANE
Q1
Q2
+14V
CBP_VCC
CBP_PVCC
CIN
CSS
ISL8104
UGATE
PHASE
GND
PVCC
LGATE
VCC
BOOT
SS
PGND
TRACE SIZED FOR 3A PEAK CURRENT
SHORT TRACE, MINIMUM IMPEDANCE
ISL8104


Similar Part No. - ISL8104EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104EVAL2Z RENESAS-ISL8104EVAL2Z Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
More results

Similar Description - ISL8104EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104 RENESAS-ISL8104 Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
logo
Intersil Corporation
ISL8107 INTERSIL-ISL8107 Datasheet
537Kb / 16P
   Single-Phase Pulse-Width Modulation PWM Controller with Integrated High-Side Gate Drivers
logo
Renesas Technology Corp
ISL8107 RENESAS-ISL8107 Datasheet
961Kb / 16P
   Single-Phase Pulse-Width Modulation (PWM) Controller with Integrated High-Side Gate Drivers
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com