Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8104EVAL2Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8104EVAL2Z
Description  8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation PWM Controller With Integrated Gate Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8104EVAL2Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8104EVAL2Z Datasheet HTML 1Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 2Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 3Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 4Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL8104EVAL2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN9257.0
February 13, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VPVCC,VVCC . . . . . . . . . . . . . . GND - 0.3V to +16V
Enable Voltage, VEN . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +16V
Soft-start Done Voltage, VSSDONE . . . . . . . . . . GND - 0.3V to +16V
Boot Voltage, VBOOT. . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +36V
Phase Voltage, VPHASE . . . . . . . . . VBOOT - 16V to VBOOT + 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5.0V
Operating Conditions
Supply Voltage, VVCC . . . . . . . . . . . . . . . . .+8V ±5% to +14V ±10%
Supply Voltage, VPVCC . . . . . . . . . . . . . . . .+8V ±5% to +14V ±10%
Boot to Phase Voltage, VBOOT - VPHASE . . . . . . . . . . . . . . <VPVCC
Ambient Temperature Range, ISL8104C . . . . . . . . . . . . 0°C to 70°C
Ambient Temperature Range, ISL8104I. . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
95
N/A
QFN Package (Note 2). . . . . . . . . . . . .
47
8.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead tips only)
ESD Ratings
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. Parameters designated by GBD are "Guaranteed by Design."
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted specifications in bold are valid for process,
temperature, and line operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Shutdown Supply VCC
IVCC
SS/EN = 0V
3.5
6.1
8.5
mA
Shutdown Supply VPVCC
IPVCC
SS/EN = 0V
0.30
0.5
0.75
mA
POWER-ON RESET
VCC/VPVCC Rising Threshold
6.55
7.10
7.55
V
VCC/VPVCC Hysteresis
170
250
500
mV
OCSET Rising Threshold
0.70
0.73
0.75
V
OCSET Hysteresis
180
200
220
mV
Enable - Rising Threshold
1.4
1.5
1.60
V
Enable - Hysteresis
175
250
325
mV
OSCILLATOR
Trim Test Frequency
RRT = OPEN VVCC = 12
175
200
220
kHz
Total Variation
8k
Ω < RRT to GND < 200kΩ - GBD
-
±15
-
%
Ramp Amplitude
∆VOSC
RRT = OPEN
1.7
1.9
2.15
VP-P
ERROR AMPLIFIER
DC Gain
RL = 10kΩ, CL= 100pF - GBD
-
88
-
dB
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL= 100pF - GBD
-
15
-
MHz
Slew Rate
SR
RL = 10kΩ, CL= 100pF - GBD
-
6
-
V/
µs
PROTECTION
OCSET Current
IOCSET
TJ = 0°C to 70°C
180
200
220
µA
OCSET Current
IOCSET
TJ = -40°C to 85°C
176
200
224
µA
OCSET Measurement Offset
OCPOFFSET OCSET= 1.5V to 15.4V - GBD
-
±10
-
mV
Soft-start Current
ISS
22
30
38
µA
ISL8104


Similar Part No. - ISL8104EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104EVAL2Z RENESAS-ISL8104EVAL2Z Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
More results

Similar Description - ISL8104EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104 RENESAS-ISL8104 Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
logo
Intersil Corporation
ISL8107 INTERSIL-ISL8107 Datasheet
537Kb / 16P
   Single-Phase Pulse-Width Modulation PWM Controller with Integrated High-Side Gate Drivers
logo
Renesas Technology Corp
ISL8107 RENESAS-ISL8107 Datasheet
961Kb / 16P
   Single-Phase Pulse-Width Modulation (PWM) Controller with Integrated High-Side Gate Drivers
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com