Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54503IRUZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54503IRUZ-T
Description  1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54503IRUZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54503IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54503IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6551.2
October 26, 2009
Ordering Information
PART NUMBER
(Notes 1, 4)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL54503IRUZ-T (Note 2) 3
-40 to +85
6 Ld µTDFN
L6.1.2x1.0A
ISL54503IHZ-T (Note 3)
4503
-40 to +85
6 Ld SOT-23
MDP0038
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL54503. For more information on MSL please
see techbrief TB363.
Pin Configuration (Note 5)
ISL54503
(6 LD µTDFN)
TOP VIEW
ISL54503
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
PIN NC
PIN NO
0ON
OFF
1OFF
ON
NOTE: Logic “0” ≤0.5V. Logic “1” ≥1.4V with a 3V supply.
3
2
1
6
5
4
IN
V+
GND
NO
NC
COM
4
5
6
1
2
3
NC
IN
NO
GND
V+
COM
Pin Descriptions
NAME
PIN
µTDFN
PIN
SOT-23
FUNCTION
V+
5
4
System Power Supply Input
(+1.8V to +5.5V)
GND
2
6
Ground Connection
IN
6
2
Digital Control Input
COM
4
5
Analog Switch Common Pin
NO
1
3
Analog Switch Normally Open Pin
NC
3
1
Analog Switch Normally Closed
Pin
ISL54503


Similar Part No. - ISL54503IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54503IRUZ-T RENESAS-ISL54503IRUZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results

Similar Description - ISL54503IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com