Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6406 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6406
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6406 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6406 Datasheet HTML 2Page - Intersil Corporation ISL6406 Datasheet HTML 3Page - Intersil Corporation ISL6406 Datasheet HTML 4Page - Intersil Corporation ISL6406 Datasheet HTML 5Page - Intersil Corporation ISL6406 Datasheet HTML 6Page - Intersil Corporation ISL6406 Datasheet HTML 7Page - Intersil Corporation ISL6406 Datasheet HTML 8Page - Intersil Corporation ISL6406 Datasheet HTML 9Page - Intersil Corporation ISL6406 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Sync. Frequency Range (Note 6)
1.1 Times the natural switching
frequency.
110
-
770
kHz
Minimum Sync Pulse Width (Note 6)
-
40
100
ns
PWM Maximum Duty Cycle
-96-
%
GATE DRIVER OUTPUT (Note 6)
Upper Gate Source Current
VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1
-
A
Upper Gate Sink Current
-1-
A
Lower Gate Source Current
VVCC = 3.3V, VLGATE = 4V
-
-1
-
A
Lower Gate Sink Current
-2-
A
SOFT-START
Soft-Start Slew Rate
f = 300kHz, TA = 0°C to 70°C
6.2
6.7
7.3
ms
f = 300kHz, TA = -40°C to +85°C
6.2
6.7
7.6
ms
Internal Digital Circuit Clock Count
(Soft-start time varies with frequency)
-
2048
-
Clk Cycles
OVERCURRENT
OCSET Current Source
TA = 0°C to 70°C
18
20
22
µA
TA = -40°C to +85°C
162023
µA
NOTES:
5. This is the VCC current consumed when the device is active but not switching.
6. Guaranteed by design.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VCC = +3.3V. Typical values are at TA = 25°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curve
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
TEMPERATURE (°C)
-40 -30 -20 -10
0
1020304050
60
7080
0.81
0.805
0.8
0.795
0.79
0.785
0.78
ISL6406, ISL6426


Similar Part No. - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
388Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406IB INTERSIL-ISL6406IB Datasheet
388Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6406IBZ INTERSIL-ISL6406IBZ Datasheet
388Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406IBZ RENESAS-ISL6406IBZ Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results

Similar Description - ISL6406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com