Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL34321INZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL34321INZ
Description  16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34321INZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL34321INZ Datasheet HTML 5Page - Intersil Corporation ISL34321INZ Datasheet HTML 6Page - Intersil Corporation ISL34321INZ Datasheet HTML 7Page - Intersil Corporation ISL34321INZ Datasheet HTML 8Page - Intersil Corporation ISL34321INZ Datasheet HTML 9Page - Intersil Corporation ISL34321INZ Datasheet HTML 10Page - Intersil Corporation ISL34321INZ Datasheet HTML 11Page - Intersil Corporation ISL34321INZ Datasheet HTML 12Page - Intersil Corporation ISL34321INZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL34321
9
FN6870.1
September 23, 2010
Applications
Detailed Description and Operation
A pair of ISL34321 SERDES transports 16-bit parallel
video for the ISL34321 along with auxiliary data over a
single 100Ω differential cable either to a display or from a
camera. Auxiliary data is transferred in both directions
and can be used for remote configuration and telemetry.
The benefits include lower EMI, lower costs, greater
reliability and space savings. The same device can be
configured to be either a serializer or deserializer by
setting one pin (VIDEO_TX), simplifying inventory.
RGBA/B/C, VSYNC, HSYNC, and DATAEN pins are inputs
in serializer mode and outputs in deserializer mode.
The video data presented to the serializer on the parallel
LVCMOS bus is serialized into a high-speed differential
signal. This differential signal is converted back to
parallel video at the remote end by the deserializer. The
Side Channel data is transferred between the SERDES
pair during two lines of the vertical video blanking
interval.
When the side-channel is enabled, there will be a number
of PCLK cycles uncertainty from frame-to-frame. This
should not cause sync problems with most displays, as
this occurs during the vertical front porch of the blanking
period. When properly configured, the SERDES link
supports end-to-end transport with fewer than one error
in 1010 bits.
Differential Signals and Termination
The ISL34321 serializes the 16-bit parallel data plus 3
sync signals at 20x the PCLK_IN frequency. The extra 2
bits per word come from the 8b/10b encoding scheme
which helps create the highest quality serial link.
The high bit rate of the differential serial data requires
special care in the layout of traces on PCBs, in the choice
and assembly of connectors, and in the cables
themselves.
PCB traces need to be adjacent and matched in length
(so as to minimize the imbalanced coupling to other
traces or elements) and of a geometry to match the
impedance of the transmitter and receiver to minimize
reflections. Similar care needs to be applied to the choice
of connectors and cables.
SERIOP and SERION pins incorporate internal differential
termination of the serial signal lines.
SERIO Pin AC-Coupling
AC-coupling minimizes the effects of DC common mode
voltage difference and local power supply variations
between two SERDES. The serializer outputs DC
balanced 8b/10b line code, which allows AC-coupling.
The AC-coupling capacitor on SERIO pins must be 27nF
on the serializer board and 27nF on the deserializer
board. The value of the AC-coupling capacitor is very
critical since a value too small will attenuate the high
speed signal at low clock rate. A value too big will slow
down the turn around time for the side-channel. It is an
advantage to have the pair of capacitors as closely
matched as possible.
Receiver Reference Clock (REF_CLK)
The reference clock (REF_CLK) for the PLL is fed into
PCLK_IN pin. REF_CLK is used to recover the clock
from the high speed serial stream. REF_CLK is very
sensitive to any instability. The following conditions
must be met at all times after power is applied to the
deserializer, or else the deserializer may need a
manual reset:
• VDD must be applied and stable.
• REF_CLK frequency must be within the limits
specified
• REF_CLK amplitude must be stable.
A simple 3.3V CMOS crystal oscillator can be used for
REF_CLK.
FIGURE 3. PARALLEL VIDEO OUTPUT TIMING [PCLK_OUT ACTIVE LOW, HSYNC/VSYNC ACTIVE HIGH]
HSYNC
VSYNC
DATAEN
PCLK_OUT
RGB[A:C][7:0]
1/fOUT
TODC
TOR
TDV
TOF
VALID DATA
VALID DATA
DATA HELD AT PREVIOUS VALUE
VALID DATA
TDV
VIDEO_TX = 0


Similar Part No. - ISL34321INZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL34321INZ RENESAS-ISL34321INZ Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
More results

Similar Description - ISL34321INZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com