Electronic Components Datasheet Search |
|
ISL9211AIRU58XZ-T Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL9211AIRU58XZ-T Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 12 page ISL9211A 4 FN6702.1 August 25, 2010 Absolute Maximum Ratings Thermal Information Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . -0.3V to 26V Output and VB Pin (OUT, VB) (Note 4) . . . . . . . . -0.3V to 8V Other Pins (ILIM, FAULT, EN) . . . . . . . . . . . . . -0.3V to 5.5V ESD Rating Human Body Model (Tested per JESD22-A114F) . . . . . 3kV Machine Model (Tested per JESD22-A115-A) . . . . . . . 200V Latch Up (Tested per JESD78B; Class II, Level A). . . . 100mA Recommended Operating Conditions Ambient Temperature Range . . . . . . . . . . . . -40°C to +85°C Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . 4.3V to 24V Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld 2x2 µTDFN (Notes 5, 6) . . . . . 98 37 Maximum Junction Temperature (Plastic Package) . . +150°C Maximum Storage Temperature Range . . . .-65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. The maximum voltage rating for the VB pin under continuous operating conditions is 5.5V. All other pins are allowed to operate continuously at the absolute maximum ratings. 5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications PARAMETER SYMBOL TEST CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNITS POWER-ON RESET VIN Threshold VPOR Rising - - 2.47 V Falling 2.20 - - V VIN Bias Current IVIN RILIM = 24.9k, EN = L - - 1000 µA EN = H - 80 - µA PROTECTIONS Input Overvoltage Protection VOVP ISL9211ARU48 4.6 4.8 5.0 V ISL9211ARU58 5.6 5.8 6.0 V ISL9211ARU68 6.6 6.8 7.0 V Input OVP Hysteresis -100 - mV Input OVP Falling Threshold ISL9211ARU48 4.55 - - V ISL9211ARU58 5.55 - - V ISL9211ARU68 6.55 - - V Input OVP Response Time (Note 7) - - 1 µs Overcurrent Protection IOCP VVB = 3V, RILIM = 24.9kΩ 0.93 1.0 1.07 A Maximum Output Current IMAX RILIM = 9.53kΩ -2.0 - A Overcurrent Protection Blanking Time BTOCP -180 - µs Battery Overvoltage Protection Threshold VBOVP 4.25 4.34 4.40 V Battery OVP Threshold Hysteresis - 30 - mV Battery OVP Blanking Time BTBOVP -180 - µs VB Pin Leakage Current VVB = 4.34V - - 20 nA |
Similar Part No. - ISL9211AIRU58XZ-T |
|
Similar Description - ISL9211AIRU58XZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |