Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532ACRZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL6532ACRZ
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532ACRZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL6532ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 13Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 14Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 15Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
FN9099.5
May 5, 2008
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
250kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device overvoltage stress. Careful component
layout and printed circuit board design minimizes these
voltage spikes.
As an example, consider the turn-off transition of the control
MOSFET. Prior to turn-off, the MOSFET is carrying the full
load current. During turn-off, current stops flowing in the
MOSFET and is picked up by the lower MOSFET. Any
parasitic inductance in the switched current path generates a
large voltage spike during the switching interval. Careful
component selection, tight layout of the critical components,
and short, wide traces minimizes the magnitude of voltage
spikes.
There are two sets of critical components in the ISL6532A
switching converter. The switching components are the most
critical because they switch large amounts of energy, and
therefore tend to generate large amounts of noise. Next are
the small signal components which connect to sensitive
nodes or supply critical bypass current and signal coupling.
A multi-layer printed circuit board is recommended. Figure 4
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground
plane and make all critical component ground connections
with vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminals to the output inductor short. The power
plane should support the input power and output power
nodes. Use copper filled polygons on the top and bottom
circuit layers for the phase nodes. Use the remaining printed
circuit layers for small signal wiring. The wiring traces from
the GATE pins to the MOSFET gates should be kept short
and wide enough to easily handle the 1A of drive current.
In order to dissipate heat generated by the internal VTT
LDO, the ground pad, pin 29, should be connected to the
internal ground plane through at least four vias. This allows
the heat to move away from the IC and also ties the pad to
the ground plane through a low impedance path.
The switching components should be placed close to the
ISL6532A first. Minimize the length of the connections between
the input capacitors, CIN, and the power switches by placing
them nearby. Position both the ceramic and bulk input
capacitors as close to the upper MOSFET drain as possible.
Position the output inductor and output capacitors between the
upper and lower MOSFETs and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Place the PWM converter compensation
components close to the FB and COMP pins. The feedback
resistors should be located as close as possible to the FB pin
with vias tied straight to the ground plane as required.
Feedback Compensation - PWM Buck Converter
Figure 5 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The error
amplifier output (VE/A) is compared with the oscillator (OSC)
triangular wave to provide a pulse-width modulated (PWM)
wave with an amplitude of VIN at the PHASE node.
The PWM wave is smoothed by the output filter (LO and CO).
VDDQ
5VSBY
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT1
CIN
VIN_DDR
KEY
COMP
ISL6532A
UGATE
R4
R2
CBP
FB
DRIVE2
GNDP
5VSBY
FIGURE 4. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
R1
VAGP
FB2
C2
VIA CONNECTION TO GROUND PLANE
COUT3
Q1
VIN_AGP
R5
R6
PHASE
R3
C3
C1
Q2
12VATX
CBP
GNDP
P12V
Q3
LGATE
P5VSBY
VDDQ(3)
VTT(2)
COUT2
VDDQ
VTT
NCH
GND PAD
ISL6532A


Similar Part No. - ISL6532ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532ACRZ RENESAS-ISL6532ACRZ Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com