Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6532ACR Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL6532ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532ACR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6532ACR Datasheet HTML 1Page - Intersil Corporation ISL6532ACR Datasheet HTML 2Page - Intersil Corporation ISL6532ACR Datasheet HTML 3Page - Intersil Corporation ISL6532ACR Datasheet HTML 4Page - Intersil Corporation ISL6532ACR Datasheet HTML 5Page - Intersil Corporation ISL6532ACR Datasheet HTML 6Page - Intersil Corporation ISL6532ACR Datasheet HTML 7Page - Intersil Corporation ISL6532ACR Datasheet HTML 8Page - Intersil Corporation ISL6532ACR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN9099.5
May 5, 2008
Simplified Power System Diagram
Typical Application - 5V or 3.3V Input
PWM
5VSBY
VTT
ISL6532A
CONTROLLER
REGULATOR
12V
STANDBY
LDO
VREF
VTT
+
SLEEP
STATE
LOGIC
5VSBY/3V3SBY
SLP_S3
SLP_S5
LINEAR
CONTROLLER
Q3
+
VDDQ
VDDQ
Q1
5V
Q2
+
NCH
VAGP
5VSBY
UGATE
FB
COMP
ISL6532A
CBP
LGATE
+12V
VTT
VTT
+
VTT
+
VREF_IN
VREF_OUT
SLP_S3
SLP_S5
VTTSNS
PGOOD
+3.3V
Q3
+
VDDQ
DRIVE2
FB2
COUT2
VDDQ
Q1
2.5V
CIN
LOUT
+
+
Q2
+5V OR +3.3V
NCH
OCSET
ROCSET
VDDQ
GNDQ
GNDP
GNDA
PHASE
VAGP
1.5V
VREF
CVDDQ_OUT
CVTT_OUT
VDDQ
Q4
RNCH
S3#
S5#
VDDQ
VDDQ
GNDQ
ISL6532A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn