Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6742AAZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6742AAZA
Description  Advanced Double-Ended PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6742AAZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6742AAZA Datasheet HTML 5Page - Intersil Corporation ISL6742AAZA Datasheet HTML 6Page - Intersil Corporation ISL6742AAZA Datasheet HTML 7Page - Intersil Corporation ISL6742AAZA Datasheet HTML 8Page - Intersil Corporation ISL6742AAZA Datasheet HTML 9Page - Intersil Corporation ISL6742AAZA Datasheet HTML 10Page - Intersil Corporation ISL6742AAZA Datasheet HTML 11Page - Intersil Corporation ISL6742AAZA Datasheet HTML 12Page - Intersil Corporation ISL6742AAZA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN9183.1
July 25, 2005
OUTAN and OUTBN - These outputs are the complements
of OUTA and OUTB, respectively. These outputs are suitable
for control of synchronous rectifiers. The phase relationship
between each output and its complement is set by a control
voltage applied to VADJ.
VADJ - A 0 - 5V control voltage applied to this input sets the
relative delay or advance between OUTA/OUTB and
OUTAN/OUTBN.
Voltages below 2.425V result in OUTAN/OUTBN being
advanced relative to OUTA/OUTB. Voltages above 2.575V
result in OUTAN/OUTBN being delayed relative to
OUTA/OUTB. A voltage of 2.50V ±75mV results in zero
phase difference. A weak internal 50% divider from VREF
results in no phase delay if this input is left floating.
The range of phase delay/advance is either zero or 40 to
300ns with the phase differential increasing as the voltage
deviation from 2.5V increases. The relationship between the
control voltage and phase differential is non-linear. The gain
(
∆t/∆V) is low for control voltages near 2.5V and rapidly
increases as the voltage approaches the extremes of the
control range. This behavior provides the designer increased
accuracy when selecting a shorter delay/advance duration.
IOUT - Output of the 4X buffer amplifier of the sample and
hold circuitry that captures and averages the CS signal.
RAMP - This is the input for the sawtooth waveform for the
PWM comparator. The RAMP pin is shorted to GND at the
termination of the PWM signal. A sawtooth voltage
waveform is required at this input. For current-mode control
this pin is connected directly to CS and the current loop
feedback signal is applied to both inputs. For voltage-mode
control, the oscillator sawtooth waveform may be buffered
and used to generate an appropriate signal, or RAMP may
be connected to the input voltage through an RC network for
voltage feed forward control, or RAMP may be connected to
VREF through an RC network to produce the desired
sawtooth waveform.
FB - FB is the inverting input to the error amplifier (EA). The
amplifier may be used as the error amplifier for voltage
feedback or used as the average current limit amplifier (IEA).
If the amplifier is not used, FB should be grounded.
VERR - The VERR pin is the output of the error amplifier and
controls the inverting input of the PWM comparator.
Feedback compensation components connect between
VERR and FB. There is a nominal 1mA pull-up current
source connected to VERR. Soft-start is implemented as a
voltage clamp on the VERR signal.
The outputs, OUTA and OUTB, reduce to 0% duty cycle
when VERR is pulled below 0.6V. OUTAN and OUTBN, the
complements of OUTA and OUTB, respectively, go to 100%
duty cycle when this occurs.
SS - Connect the soft-start timing capacitor between this pin
and GND to control the duration of soft-start. The value of
the capacitor determines the rate of increase of the duty
cycle during start-up. Although no minimum value of
capacitance is required, it is recommended that a value of at
least 100pF be used for noise immunity.
SS may also be used to inhibit the outputs by grounding
through a small transistor in an open collector/drain
configuration.
Functional Description
Features
The ISL6742 PWM is an excellent choice for low cost bridge
and push-pull topologies in applications requiring accurate
duty cycle and deadtime control. With its many protection
and control features, a highly flexible design with minimal
external components is possible. Among its many features
are current- or voltage-mode control, adjustable soft-start,
peak and average overcurrent protection, thermal protection,
synchronous rectifier outputs with variable delay/advance
timing, and adjustable oscillator frequency.
Oscillator
The ISL6742 oscillator, with a programmable frequency
range to 2MHz, is set with only an external resistor and
capacitor.
The switching period is the sum of the timing capacitor
charge and discharge durations. The charge duration is
determined by CT and a fixed 200
µA internal current source.
The discharge duration is determined by RTD and CT.
where TC and TD are the charge and discharge times,
respectively, TSW is the oscillator period, and FSW is the
oscillator frequency. Since the ISL6742 is a double-ended
controller, one output switching cycle requires two oscillator
cycles. The actual charge and discharge times will be slightly
longer than calculated due to internal propagation delays of
approximately 10ns/transition. This delay adds directly to the
switching duration, but also causes slight overshoot of the
timing capacitor peak and valley voltage thresholds,
effectively increasing the peak-to-peak voltage on the timing
capacitor. Additionally, if very low discharge currents are
used, there will be increased error due to the input
impedance at the CT pin.
TC 11.5 10
3 CT
S
(EQ. 1)
TD 0.06 RTD CT
⋅⋅
() 50 10
9
+
S
(EQ. 2)
TSW
TC TD
+
1
FSW
------------
==
S
(EQ. 3)
ISL6742


Similar Part No. - ISL6742AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742AAZA RENESAS-ISL6742AAZA Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
More results

Similar Description - ISL6742AAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com