Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532A Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6532A
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532A Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6532A Datasheet HTML 9Page - Intersil Corporation ISL6532A Datasheet HTML 10Page - Intersil Corporation ISL6532A Datasheet HTML 11Page - Intersil Corporation ISL6532A Datasheet HTML 12Page - Intersil Corporation ISL6532A Datasheet HTML 13Page - Intersil Corporation ISL6532A Datasheet HTML 14Page - Intersil Corporation ISL6532A Datasheet HTML 15Page - Intersil Corporation ISL6532A Datasheet HTML 16Page - Intersil Corporation ISL6532A Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FN9099.5
May 5, 2008
To properly compensate the LDO system, a 100k
Ω 1%
resistor and a 680pF X5R ceramic capacitor, represented as
R10 and C25 in Figure 7, are used. This compensation will
insure a stable system with any MOSFET given the following
conditions:
Maximum bandwidth will be realized at full load while
minimum bandwidth will be realized at no load. Bandwidth at
no load will be maximized as
τ becomes closer to 10μs.
Output Voltage Selection
The output voltage of the VDDQ PWM converter can be
programmed to any level between VIN and the internal
reference, 0.8V. An external resistor divider is used to scale
the output voltage relative to the reference voltage and feed
it back to the inverting input of the error amplifier, see
Figure 5. However, since the value of R1 affects the values of
the rest of the compensation components, it is advisable to
keep its value less than 5k
Ω. Depending on the value chosen
for R1, R4 can be calculated based on the Equation 7:
If the output voltage desired is 0.8V, simply route VDDQ back
to the FB pin through R1, but do not populate R4.
The output voltage for the internal VTT linear regulator is set
internal to the ISL6532A to track the VDDQ voltage by 50%.
There is no need for external programming resistors.
As with the VDDQ PWM regulator, the AGP linear regulator
output voltage is set by means of an external resistor divider
as shown in Figure 7. For stability concerns described
earlier, the recommended value of the feedback resistor, R8,
is 249
Ω. The voltage programming resistor, R9 can be
calculated based on the Equation 8:
Component Selection Guidelines
Output Capacitor Selection - PWM Buck Converter
An output capacitor is required to filter the inductor current
and supply the load transient current. The filtering
requirements are a function of the switching frequency and
the ripple current. The load transient requirements are a
function of the slew rate (di/dt) and the magnitude of the
transient load current. These requirements are generally met
with a mix of capacitors and careful layout.
DDR memory systems are capable of producing transient
load rates above 1A/ns. High frequency capacitors initially
supply the transient and slow the current load rate seen by
the bulk capacitors. The bulk filter capacitor values are
generally determined by the ESR (Effective Series
Resistance) and voltage rating requirements rather than
actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor’s ESR value is related to
the case size with lower ESR available in larger case sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
Output Capacitor Selection - LDO Regulators
The output capacitors used in LDO regulators are used to
provide dynamic load current. The amount of capacitance
and type of capacitor should be chosen with this criteria in
mind.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function
of the ripple current. The ripple voltage and current are
approximated by the following equations:
DRIVE2
FB2
ISL6532A
VAGP
VDDQ
FIGURE 7. COMPENSATION AND OUTPUT VOLTAGE
SELECTION OF THE LINEAR
650
Ω
R9
R10
C25
+
-
0.8V
+
OUTPUT
IMPEDANCE
R8
REFERENCE
ESR
COUT
RLOAD
V
AGP
0.8
1
R
8
R
9
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
τ
C
OUT ESR
10
μs
>
=
R
FB
R
8
249
Ω
==
(EQ. 6)
R
4
R1
0.8V
×
V
DDQ - 0.8V
------------------------------------
=
(EQ. 7)
R
9
R
8
0.8V
×
V
AGP - 0.8 V
-----------------------------------
=
(EQ. 8)
ΔI=
VIN - VOUT
Fs x L
VOUT
VIN
ΔV
OUT = ΔI x ESR
x
(EQ. 9)
ISL6532A


Similar Part No. - ISL6532A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532ACR RENESAS-ISL6532ACR Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532ACRZ RENESAS-ISL6532ACRZ Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532AIRZ RENESAS-ISL6532AIRZ Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com