Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55016 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55016
Description  MMIC Silicon Bipolar Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55016 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55016 Datasheet HTML 1Page - Intersil Corporation ISL55016 Datasheet HTML 2Page - Intersil Corporation ISL55016 Datasheet HTML 3Page - Intersil Corporation ISL55016 Datasheet HTML 4Page - Intersil Corporation ISL55016 Datasheet HTML 5Page - Intersil Corporation ISL55016 Datasheet HTML 6Page - Intersil Corporation ISL55016 Datasheet HTML 7Page - Intersil Corporation ISL55016 Datasheet HTML 8Page - Intersil Corporation ISL55016 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6526.1
ISL55016
MMIC Silicon Bipolar Differential Amplifier
The ISL55016 is a high performance gain block which can
match a 75
Ω single-ended source to a 100Ω differential
load. This feature makes the ISL55016 ideal for a wide
range of general-purpose applications such as Satellite TV.
The ISL55016 can be used as single-ended to differential
converter and eliminates the need for an external balun
structure.
Pinout
ISL55016
(6 LD TDFN)
TOP VIEW
Pin Descriptions
Features
• Input Impedance of 75
Ω Single-Ended
• Output Impedance of 100
Ω Differential
• Noise Figure of 5.4dB
• OIP3 of 26dBm
• Input Return Loss of 27dB
• Pb-Free (RoHS Compliant)
Applications
• Active Balun Function
• LNB and LNB-T (HDTV) Amplifiers
• IF Gain Blocks for Satellite and Terrestrial STBs
• PA Driver Amplifier
• Wireless Data, Satellite
• Bluetooth/WiFi
• Satellite Locator and Signal Strength Meters
Typical Application Circuit
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55016IRTZ-T7* M9
-40 to +85 6 Ld TDFN L6.1.6x1.6B
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
PIN
NUMBER
PIN
NAME
DESCRIPTION
1
VSM
Ground
2
VINM
Single-Ended Input. VINM should be
AC-Coupled.
3
VINP
AC Ground
4, 5
VOP, VOM Differential outputs. VOP and VOM
should be AC-Coupled. Differential
Impedance 100
Ω.
6
VSP
Power supply. +5V
1
2
3
6
4
5
VSM
VINM
VINP
VSP
VOM
VOP
GND
100nH
100pF
0.1µF
100pF
100pF
1
6
5
4
100pF
100nH
+5V
27
Ω
2
3
100pF
27
Ω
Data Sheet
June 24, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL55016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Intersil Corporation
ISL55016 INTERSIL-ISL55016 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
More results

Similar Description - ISL55016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA-0200 HP-MSA-0200 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0500 HP-MSA-0500 Datasheet
66Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0685 HP-MSA-0685 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0770 HP-MSA-0770 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0404 HP-MSA-0404 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0800 HP-MSA-0800 Datasheet
77Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com