Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22511WFB8Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL22511WFB8Z
Description  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511WFB8Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL22511WFB8Z Datasheet HTML 1Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 2Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 3Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 4Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 5Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 6Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 7Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 8Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6678.1
July 16, 2009
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
Ω)
TEMP.
RANGE(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL22511WFB8Z* (Note 1)
22511 WFBZ
10
-40 to +125
8 Ld SOIC
M8.15
ISL22511UFB8Z* (Note 1)
22511 UFBZ
50
-40 to +125
8 Ld SOIC
M8.15
ISL22511WFRU10Z-TK (Note 2)
GD
10
-40 to +125
10 Ld µTQFN Tape and Reel
L10.2.1x1.6A
ISL22511UFRU10Z-TK (Note 2)
GC
50
-40 to +125
10 Ld µTQFN Tape and Reel
L10.2.1x1.6A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL22511
(8 LD SOIC)
TOP VIEW
ISL22511
(10 LD µTQFN)
TOP VIEW
VCC
ASE
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
9
8
7
6
1
2
3
4
NC
VSS
ASE
RL
VCC
PU
RH
PD
O
RW
NC
Pin Descriptions
SOIC
PIN
µTQFN
PIN
SYMBOL
BRIEF DESCRIPTION
11
PU
The PU is a falling-edge triggered input with internal pull-up. Toggling PU will move the wiper close to RH terminal.
22
PD
The PD is a falling-edge triggered input with internal pull-up. Toggling PD will move the wiper close to RL terminal.
3
3
RH
The RH and RL pins of the ISL22511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
44
VSS
Ground
5
6
RW
The RW pin is the wiper terminal of the potentiometer which is equivalent to the movable terminal of a mechanical
potentiometer.
6
7
RL
The RH and RL pins of the ISL22511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
78
ASE
Active low AUTOSTORE enable input or Manual Store active low input.
89
VCC
Supply Voltage.
-
5, 10
NC
No connection.
ISL22511


Similar Part No. - ISL22511WFB8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511WFB8Z RENESAS-ISL22511WFB8Z Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Similar Description - ISL22511WFB8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com