Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54302IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54302IRZ
Description  12V, 1.5OHM Quad SPST Switch with Latched Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54302IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54302IRZ Datasheet HTML 1Page - Intersil Corporation ISL54302IRZ Datasheet HTML 2Page - Intersil Corporation ISL54302IRZ Datasheet HTML 3Page - Intersil Corporation ISL54302IRZ Datasheet HTML 4Page - Intersil Corporation ISL54302IRZ Datasheet HTML 5Page - Intersil Corporation ISL54302IRZ Datasheet HTML 6Page - Intersil Corporation ISL54302IRZ Datasheet HTML 7Page - Intersil Corporation ISL54302IRZ Datasheet HTML 8Page - Intersil Corporation ISL54302IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6592.0
ISL54302
12V, 1.5
Ω Quad SPST Switch with Latched
Parallel Interface
The ISL54302 is a quad analog bidirectional switch device
targeted at industrial applications, including test and
measurement equipment. It features low resistance and low
leakage along with 12V operation and can be digitally
controlled via a latched parallel interface. This parallel
interface features a latch input pin that can be used to connect
multiple devices into a parallel arrangement.
The ISL54302 can operate from a single, or split bipolar
power supply and has a 3V logic interface. The ISL54302 is
specified for use over the -40°C to +85°C temperature range
and is available in a 20 Ld 4x4 QFN Pb-free package.
Table 1 summarizes the performance of this family.
Pinout
ISL54302
(20 LD QFN)
TOP VIEW
Features
• 4 independently controlled SPST switches
• ON-resistance @ 12V. . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5
Ω
• Single or split supply voltage operation
•rON flatness. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <1Ω
•rON matching between channels . . . . . . . . . . . . . . . . . <0.2Ω
• Turn-on/Turn-off time . . . . . . . . . . . . . . . . . . . . . . . 25ns/80ns
• Switch bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60MHz
• Parallel data interface up to 40MHz
• 3V logic interface
• 20 Ld QFN package
• Pb-free (RoHS compliant)
Related Literature
• TB363 “Guidelines for Handling and Processing Moisture
Sensitive Surface Mount Devices (SMDs)”
• TB389 “PCB Land Pattern and Surface Mount Guidelines
for QFN Packages”
• AN557 “Recommended Test Procedures for Analog
Switches”
ISL54302 Block Diagram
TABLE 1. FEATURES AT A GLANCE
CONFIGURATION
QUAD SPST
rON
1.5
Ω
tON/tOFF
25ns/80ns
Package
20 Ld QFN 4x4
2B
2A
1B
1A
CS-LATCH
3A
3B
4A
4B
NC
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL54302IRZ*
54 302IRZ -40 to +85 20 Ld 4x4 QFN L20.4x4C
*Add “-T” for tape and reel. Please refer to TB347 for details on reel
specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
LATCHES
LEVEL
SHIFTER
1 OF 4
VLOGIC
GND
VDD
VSS
SW-A
SW-B
VPLUS
VSS
S1-CTRL
S2-CTRL
S3-CTRL
S4-CTRL
CS-LATCH
Data Sheet
March 19, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54302IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54302IRZ RENESAS-ISL54302IRZ Datasheet
810Kb / 16P
   12V, 1.5W Quad SPST Switch with Latched Parallel Interface
More results

Similar Description - ISL54302IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54302 RENESAS-ISL54302 Datasheet
810Kb / 16P
   12V, 1.5W Quad SPST Switch with Latched Parallel Interface
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Vishay Siliconix
DG221B VISHAY-DG221B Datasheet
58Kb / 6P
   Quad SPST CMOS Analog Switch with Latches
Rev. A, 23-Apr-01
DG221B VISHAY-DG221B_V01 Datasheet
171Kb / 10P
   Quad SPST CMOS Analog Switch with Latches
08-Feb-17
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com