Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6140IBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6140IBZ-T
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140IBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6140IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6140IBZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN9039.4
ISL6140/ISL6150 Block Diagram
Typical Values for a representative
system; which assumes:
36V to 72V supply range; 48 nominal; UV = 37V;
OV = 71V
1A of typical current draw; 2.5A overcurrent
100µF of load capacitance (CL); equivalent RL of 48Ω
(R = V/I = 48V/1A)
R1: 0.02Ω (1%)
R2: 10Ω (5%)
R3: 18kΩ (5%)
R4: 562kΩ (1%)
R5: 9.09kΩ (1%)
R6: 10kΩ (1%)
C1: 150nF (25V)
C2: 3.3nF (100V)
Q1: IRF530 (100V, 17A, 0.11Ω)
Applications: Quick Guide to
Choosing Component Values
(See Block Diagram for reference)
This section will describe the minimum components
needed for a typical application, and will show how to
select component values. (Note that “typical” values
may only be good for this application; the user may
have to select some component values to match the
system). Each block will then have more detailed
explanation of how it works, and alternatives.
R4, R5, R6 - together set the Under-Voltage (UV) and
overvoltage (OV) trip points. When the power supply
ramps up and down, these trip points (and their 20mV
nominal hysteresis) will determine when the gate is
allowed to turn on and off (the UV and OV do not affect
the PWRGD output). The input power supply is divided
down such that when each pin is equal to the trip point
(nominal is 1.223V), the comparator will switch.
VUV = 1.223 (R4 + R5 + R6)/(R5 + R6)
VOV = 1.223 (R4 + R5 + R6)/(R6)
The values of R4 = 562k, R5 = 9.09k, and R6 = 10k
will give trip points of UV = 37V and OV = 71V.
Q1 - is the FET that connects the input supply voltage
to the output load, when properly enabled. It needs to
R4
C1
R5
R6
Q1
R2
R1
CL
RL
GND
GND
-48V IN
-48VOUT
LOAD
+
-
+
-
+
-
+
-
+
-
VCC (INTERNAL
VOLTAGE) AND
REFERENCE
GENERATOR
LOGIC AND
GATE DRIVE
VEE
VEE
VEE
VEE
VPG (1.7V)
VCB (50mV)
VUVL, VOVH
(1.223V)
VCC
VPG (1.7V)
VUVL, VOVH
VCB (50mV)
8 VDD
1 PWRGD (6140)
7 DRAIN
6 GATE
5 SENSE
4 VEE
3 UV
2 OV
1 PWRGD (6150)
C2
R3
+
-
PWRGD/PWRGD
OUTPUT DRIVE
ISL6140, ISL6150


Similar Part No. - ISL6140IBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140IBZ-T INTERSIL-ISL6140IBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140IBZ-T RENESAS-ISL6140IBZ-T Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6140IBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com