Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA5260MZ96 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA5260MZ96
Description  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260MZ96 Datasheet(HTML) 7 Page - Intersil Corporation

  CA5260MZ96 Datasheet HTML 1Page - Intersil Corporation CA5260MZ96 Datasheet HTML 2Page - Intersil Corporation CA5260MZ96 Datasheet HTML 3Page - Intersil Corporation CA5260MZ96 Datasheet HTML 4Page - Intersil Corporation CA5260MZ96 Datasheet HTML 5Page - Intersil Corporation CA5260MZ96 Datasheet HTML 6Page - Intersil Corporation CA5260MZ96 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN1929.8
August 3, 2010
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N
8
8
7
α
-
Rev. 1 6/05
CA5260, CA5260A


Similar Part No. - CA5260MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260MZ96 INTERSIL-CA5260MZ96 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ96 RENESAS-CA5260MZ96 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

Similar Description - CA5260MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com