Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6752AAZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6752AAZA
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6752AAZA Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6752AAZA Datasheet HTML 1Page - Intersil Corporation ISL6752AAZA Datasheet HTML 2Page - Intersil Corporation ISL6752AAZA Datasheet HTML 3Page - Intersil Corporation ISL6752AAZA Datasheet HTML 4Page - Intersil Corporation ISL6752AAZA Datasheet HTML 5Page - Intersil Corporation ISL6752AAZA Datasheet HTML 6Page - Intersil Corporation ISL6752AAZA Datasheet HTML 7Page - Intersil Corporation ISL6752AAZA Datasheet HTML 8Page - Intersil Corporation ISL6752AAZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9181.1
March 10, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTxxx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF + 0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL6752AAxx . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . 9-16 VDC
Thermal Resistance Junction to Ambient (Typical)
θJA (°C/W)
16 Lead QSOP (Note 1). . . . . . . . . . . . . . . . . . . . . .
95
Maximum Junction Temperature . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(QSOP- Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VDD< 20V, RTD = 10.0k
Ω, CT = 470pF, TA = -40°C to 105°C (Note 3), Typical values are at
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
Supply Voltage
--
20
V
Start-Up Current, IDD
VDD = 5.0V
-
175
400
µA
Operating Current, IDD
RLOAD, COUT = 0
-
11.0
15.5
mA
UVLO START Threshold
8.00
8.75
9.00
V
UVLO STOP Threshold
6.50
7.00
7.50
V
Hysteresis
-1.75-
V
REFERENCE VOLTAGE
Overall Accuracy
IVREF = 0-10mA
4.850
5.000
5.150
V
Long Term Stability
TA = 125°C, 1000 hours (Note 4)
-
3
-
mV
Operational Current (source)
-10
-
-
mA
Operational Current (sink)
5-
-
mA
Current Limit
VREF = 4.85V
-15
-
-100
mA
CURRENT SENSE
Current Limit Threshold
VERR = VREF
0.97
1.00
1.03
V
CS to OUT Delay
Excl. LEB (Note 4)
-
35
50
ns
Leading Edge Blanking (LEB) Duration
(Note 4)
50
70
100
ns
CS to OUT Delay + LEB
TA = 25°C
-
-
130
ns
CS Sink Current Device Impedance
VCS = 1.1V
-
-
20
Input Bias Current
VCS = 0.3V
-6.00
-
-2.00
µA
CS to PWM Comparator Input Offset
TA = 25°C
65
80
95
mV
PULSE WIDTH MODULATOR
VERR Pull-Up Current Source
VERR = 2.50V
0.80
1.00
1.30
mA
VERR VOH
ILOAD = 0mA
4.20
-
-
V
ISL6752


Similar Part No. - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752AAZA RENESAS-ISL6752AAZA Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL6752AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com