Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6123IR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6123IR
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123IR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6123IR Datasheet HTML 7Page - Intersil Corporation ISL6123IR Datasheet HTML 8Page - Intersil Corporation ISL6123IR Datasheet HTML 9Page - Intersil Corporation ISL6123IR Datasheet HTML 10Page - Intersil Corporation ISL6123IR Datasheet HTML 11Page - Intersil Corporation ISL6123IR Datasheet HTML 12Page - Intersil Corporation ISL6123IR Datasheet HTML 13Page - Intersil Corporation ISL6123IR Datasheet HTML 14Page - Intersil Corporation ISL6123IR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
11
FN9005.11
August 25, 2011
Using the ISL6123EVAL1Z
Platform
The ISL6123EVAL1Z platform layout illustrates the small
implementation size for a typical 4-rail sequencing application.
The platform allows evaluation of the ISL6123, ISL6124,
ISL6126, ISL6127, ISL6128 and ISL6130. See Figure 17 for
schematic and photograph of evaluation platform and Table 2
for the component listing.
Significant current loading of the GATE or capacitive loading of
the DLY_ON and OFF pins will affect functionality and
performance.
The default configuration of the ISL6123EVAL1Z circuit is built
around the following design assumptions:
1. Using the ISL6123IR.
2. The four supplies being sequenced are 5V (IN_A), 3.3V
(IN_B), 2.5V (IN_D) and 1.5V (IN_C). The UVLO levels are
~80% of nominal voltages. Resistors are chosen such that
the total resistance of each divider is ~ 10k. Using standard
value resistors to approximate 80% of nominal voltage
supply = 0.63V on UVLO input.
3. The desired order turn-on sequence is 5V first, then 3.3V
about 12ms later, then the 2.5V supply about 19ms later,
and lastly, the 1.5V supply about 40ms later.
4. The desired turn-off sequence is first both 1.5V and 3.3V
supplies at the same time, then the 2.5V supply about
50ms later, and lastly, the 5V supply about 72ms after that.
LED off indicates sequence has completed and RESET has
released and pulled high.
The board is shipped with the ISL6123 installed and with each
of the other released variant types loose packed. As this
sequencer family has a common function pinout for most
variants, no major modifications to the board are necessary to
evaluate the other ICs. See Figure 18 for the ISL6125-specific
evaluation board and schematic.
All scope shots are taken from the ISL6123EVAL1Z board.
Figures 9 and 10 illustrate the desired turn-on and turn-off
sequences, respectively. The sequencing order and delay
between voltages sequencing is set by external capacitance
values; sequences other than those illustrated can be
accomplished.
Figures 11 and 12 illustrate the timing relationships between the
EN input; the RESET, DLY and GATE outputs; and the VOUT voltage
for a single channel being turned on and off, respectively. RESET
is not shown in Figure 11 as it asserts 160ms after the last GATE
goes high.
All IC family variants share a similar function for DLY_X capacitor
charging and GATE and RESET operation. Figures 13 through 16
illustrate the principal feature and functional differences for each
of the ISL6125, ISL6126, ISL6127 and ISL6128 variants.
Figure 13 shows the ISL6125 open-drain outputs being
sequenced on and off, along with the RESET relationship, which is
similar to all other family variants.
Figure 14 illustrates the independent input feature of the
ISL6126 which, once EN is low, allows for each UVLO to be
individually satisfied and for its associated GATE to turn on. Only
when the last variable VIN is satisfied, as shown, does RESET
release, to signal all input voltages are valid.
Figure 15 shows the ISL6127 pre-programmed ABCD turn-on
and DCBA turn-off order of sequencing, with minimal
non-adjustable delay between each.
Figure 16 demonstrates the independence of the ISL6128, the
redundant 2-rail sequencer. It shows that either one of the two
groups can be turned off, and the ABCD order of restart with
capacitor programmable delay, once both EN inputs are pulled
low.
FIGURE 8. SYSRST LOW TO OUTPUT LATCH-OFF
Typical Performance Curves (Continued)
1µs/DIV
5VOUT
GATE
SYSRST
2V/DIV
3.3VOUT


Similar Part No. - ISL6123IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123IR INTERSIL-ISL6123IR Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6123IR INTERSIL-ISL6123IR Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL6123IRZA RENESAS-ISL6123IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6123IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com