Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6563CRZ-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6563CRZ-TK
Description  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6563CRZ-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6563CRZ-TK Datasheet HTML 2Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6563CRZ-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN9126.6
April 13, 2005
settings. These pins are internally pulled high, to
approximately 1.2V, by 40
µA (typically) internal current
sources; the internal pull-up current decrease to 0 as the VID
voltage approaches the internal pull-up voltage. All VID pins
are compatible with external pull-up voltages not exceeding
the IC’s bias voltage.
DACSEL/VID5 (Pin 3)
If VRM10 pin is grounded, DACSEL/VID5 represents the 6th
voltage identification input from the VRM10-compliant
microprocessor, otherwise known as VID5. If VRM10 pin is
open or pulled high, DACSEL/VID5 selects the compliance
standard for the internal DAC: pulled to ground it encodes the
DAC with AMD Hammer VID codes, while left open or pulled
high, it encodes the DAC with Intel VRM9.0 codes.
VRM10 (Pin 4)
This pin selects VRM10.0 DAC compliance when grounded.
Left open, it allows selection of either VRM9.0 or Hammer
DAC compliance via DACSEL pin.
ENLL (Pin 21)
This pin is a precision-threshold (approximately 0.6V) enable
pin. Held low, this pin disables controller operation. Pulled
high, the pin enables the controller for operation.
FB and COMP (Pins 6, 5)
The internal error amplifier’s inverting input and output
respectively. These pins are connected to the external
network used to compensate the regulator’s feedback loop.
An internal current source injects the average current
sampled through RISEN into the FB pin. Pulling COMP to
ground through an impedance lower than 15
Ω disables the
controller (same effect as ENLL pulled low).
ISEN (Pin 7)
This pin is used to close the current-feedback loop and set
the overcurrent protection threshold. A resistor connected
between this pin and VCC has a voltage drop forced across
it equal to that sampled across the lower MOSFET’s rDS(ON)
during approximately the middle of its conduction interval.
The resulting current through this resistor is used for channel
current balancing, overcurrent protection and is sourced to
the FB pin for load-line regulation. The voltage across the
RISEN resistor is time multiplexed between the two
channels.
Use the following equation to select the proper RISEN
resistor:
where:
rDS(ON) = lower MOSFET drain-source ON resistance (Ω)
IOUT = channel maximum output current (A)
Read ‘Current Feedback’ paragraph for more information.
UGATE1, 2 (Pins 19, 12)
Connect these pins to the upper MOSFETs’ gates. These
pins are used to control the upper MOSFETs and are
monitored for shoot-through prevention purposes. Maximum
individual channel duty cycle is limited to 66%.
BOOT1, 2 (Pins 20, 11)
These pins provide the bias voltage for the upper MOSFETs’
drives. Connect these pins to appropriately-chosen external
bootstrap capacitors. Internal bootstrap diodes connected to
the PVCC pins provide the necessary bootstrap charge.
PHASE1, 2 (Pins 18, 13)
Connect these pins to the sources of the upper MOSFETs.
These pins are the return path for the upper MOSFETs’
drives.
LGATE1, 2 (Pins 17, 15)
These pins are used to control the lower MOSFETs and are
monitored for shoot-through prevention purposes. Connect
these pins to the lower MOSFETs’ gates.
OFS (Pin 9)
This pin is used to create an adjustable output voltage offset.
For no offset, leave this pin open. For negative offset, connect
an R’OFS resistor from this pin to VCC and size it according to
the following equation:
where:
VOFFSET = desired output voltage offset magnitude (mV)
For positive output voltage offset, connect an ROFS resistor
from this pin to GND, sizing it according to the following
equation:
For more information, refer to the ‘Output Voltage Offset
Programming’ paragraph.
SSEND (Pin 10)
This pin is an end of Soft-Start (SS) indicator; open drain
output device stays ON during soft-start, and goes open when
soft-start ends.
RISEN
rDS ON
() IOUT
×
50
µA
------------------------------------------
=
R
OFS
R1
1500
VOFFSET
--------------------------
×
=
ROFS
R1
500
VOFFSET
--------------------------
×
=
ISL6563


Similar Part No. - ISL6563CRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6563CRZ-TK RENESAS-ISL6563CRZ-TK Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6563CRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com