Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3243EIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3243EIRZ
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3243EIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3243EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 10Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 11Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 12Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6768.1
May 13, 2010
ISL324xE monitor receivers remain active even during
manual powerdown, making them extremely useful for Ring
Indicator monitoring. Standard receivers driving powered
down peripherals must be disabled to prevent current flow
through the peripheral’s protection diodes (see Figures 5
and 6). This renders them useless for wake up functions, but
the corresponding monitor receiver can be dedicated to this
task as shown in Figure 6.
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 3.6V, during normal operation (not in
power-down mode). This is considerably less than the 5mA
to 11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching
to this new family.
Power-down Functionality
The already low current requirement drops significantly
when the device enters powerdown mode. In powerdown,
supply current drops to less than 1µA, because the on-chip
charge pump turns off (V+ collapses to VCC, V- collapses to
GND), and the transmitter outputs three-state. Inverting
receiver outputs disable only in manual powerdown
(ISL3243E) or when EN = VL (ISL3241E); refer to Table 2 for
details. This micro-power mode makes the ISL324xE ideal
for battery powered and portable applications.
TABLE 2. POWER-DOWN AND ENABLE LOGIC TRUTH TABLE (NOTE: “H” = VL)
RS-232
SIGNAL
PRESENT
AT
RECEIVER
INPUT?
SHDN OR
FORCEOFF
INPUT
FORCEON
INPUT
EN
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUTS
INVALID
OUTPUT
MODE OF OPERATION
ISL3241E
N/A
L
N/A
L
High-Z
Active
Active
N/A
Manual Power-down
N/A
L
N/A
H
High-Z
High-Z
Active
N/A
Manual Power-down w/Rcvr. Disabled
N/A
H
N/A
L
Active
Active
Active
N/A
Normal Operation
N/A
H
N/A
H
Active
High-Z
Active
N/A
Normal Operation w/Rcvr. Disabled
ISL3243E
NO
H
H
N.A.
Active
Active
Active
L
Normal Operation
(Auto Powerdown Disabled)
YES
H
L
N.A.
Active
Active
Active
H
Normal Operation
(Auto Power-down Enabled)
NO
H
L
N.A.
High-Z
Active
Active
L
Power-down Due to Auto Power-down
Logic
YES
L
X
N.A.
High-Z
High-Z
Active
H
Manual Power-down
NO
L
X
N.A.
High-Z
High-Z
Active
L
Manual Power-down
FIGURE 5. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
VCC
ISL3241E, ISL3243E


Similar Part No. - ISL3243EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3243EIRZ INTERSIL-ISL3243EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
logo
Renesas Technology Corp
ISL3243EIRZ RENESAS-ISL3243EIRZ Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results

Similar Description - ISL3243EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL83386E INTERSIL-ISL83386E Datasheet
231Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com