Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3241E Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL3241E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3241E Datasheet(HTML) 4 Page - Intersil Corporation

  ISL3241E Datasheet HTML 1Page - Intersil Corporation ISL3241E Datasheet HTML 2Page - Intersil Corporation ISL3241E Datasheet HTML 3Page - Intersil Corporation ISL3241E Datasheet HTML 4Page - Intersil Corporation ISL3241E Datasheet HTML 5Page - Intersil Corporation ISL3241E Datasheet HTML 6Page - Intersil Corporation ISL3241E Datasheet HTML 7Page - Intersil Corporation ISL3241E Datasheet HTML 8Page - Intersil Corporation ISL3241E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6768.1
May 13, 2010
Typical Operating Circuits
ISL3241E
ISL3243E
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
12
11
6
7
10
8
28
23
27
31
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
29
30
R1OUT
R1IN
1
5k
Ω
R2OUT
R2IN
2
17
5k
Ω
R3OUT
R3IN
3
15
5k
Ω
R4OUT
R4IN
4
14
5k
Ω
R5OUT
R5IN
R5
5
13
5k
Ω
18
R2OUTB
C1
C2
+ C3
C4
EN
SHDN
22
GND
21
+3.3V
+
0.1µF
19
24
VCC
TTL/CMOS
LOGIC
RS-232
LEVELS
RS-232
LEVELS
R1OUTB
20
R1
R2
R3
R4
LEVELS
+1.8V
+
0.1µF
25
VL
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1µF
+
0.1µF
+
0.1µF
12
11
6
7
10
8
28
23
27
31
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
29
30
R1OUT
R1IN
1
5k
Ω
R2OUT
R2IN
2
17
5k
Ω
R3OUT
R3IN
3
15
5k
Ω
R4OUT
R4IN
4
14
5k
Ω
R5OUT
R5IN
R5
5
13
5k
Ω
18
R2OUTB
C1
C2
+ C3
C4
FORCEON
FORCEOFF
22
GND
21
+3.3V
+
0.1µF
19
24
VCC
TTL/CMOS
LOGIC
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
R4
20
INVALID
TO POWER
CONTROL
LEVELS
LOGIC
+1.8V
+
0.1µF
25
VL
ISL3241E, ISL3243E


Similar Part No. - ISL3241E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
logo
Renesas Technology Corp
ISL3241EIRZ RENESAS-ISL3241EIRZ Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results

Similar Description - ISL3241E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL83386E INTERSIL-ISL83386E Datasheet
231Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com