Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334AIRZR5368 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6334AIRZR5368
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334AIRZR5368 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6334AIRZR5368 Datasheet HTML 2Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 3Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 4Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 5Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 6Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 7Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 8Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 9Page - Intersil Corporation ISL6334AIRZR5368 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
FN6839.2
September 7, 2010
ISL6334AR5368
Typical Application - 4-Phase VR with 1-Phase PSI# and without Diode Emulation and GVOT
REF
DAC
VCC
COMP
FB
VDIFF
VSEN
RGND
EN_VTT
VTT
VR_RDY
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
PSI#
+5V
TM
TCOMP
OFS
FS
SS
µP
LOAD
+5V
ISL6334
+5V
ISEN1-
ISEN1+
PWM1
ISEN2-
ISEN2+
PWM2
ISEN3-
ISEN3+
PWM3
ISEN4-
ISEN4+
PWM4
VR_FAN
VR_HOT
NTC
+12V
VCC
PVCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VIN
+12V
VCC
PVCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VIN
+12V
VCC
PVCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VIN
+12V
VCC
PVCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VIN
IMON
GND
EN_PWR
VIN
+5V
NTC: NTHS0805N02N6801,
6.8k
Ω, VISHAY
ISL6612
DRIVER
ISL6612
DRIVER
ISL6612
DRIVER
ISL6612
DRIVER
ISL6334AR5368


Similar Part No. - ISL6334AIRZR5368

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AIRZR5368 RENESAS-ISL6334AIRZR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334AIRZR5368

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com