Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334AR5368 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6334AR5368
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334AR5368 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6334AR5368 Datasheet HTML 1Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 2Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 3Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 4Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 5Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 6Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 7Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 8Page - Intersil Corporation ISL6334AR5368 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
®
FN6839.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6334AR5368
VR11.1, 4-Phase PWM Controller with
Light Load Efficiency Enhancement and
Load Current Monitoring Features
The ISL6334AR5368 controls microprocessor core voltage
regulation by driving up to 4 interleaved synchronous-rectified
buck channels in parallel. This multiphase architecture results
in multiplying channel ripple frequency and reducing input and
output ripple currents. Lower ripple results in fewer
components, lower cost, reduced power dissipation, and
smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates and requires high efficiency at light
load. The ISL6334AR5368 utilizes Intersil’s proprietary
Active Pulse Positioning (APP), Adaptive Phase Alignment
(APA) modulation scheme, active phase adding and
dropping to achieve and maintain the extremely fast
transient response with fewer output capacitors and high
efficiency from light to full load.
The ISL6334AR5368 is designed to be completely compliant
with Intel VR11.1 specifications. It accurately reports the load
current via IMON pin to the microprocessor, which sends an
active low PSI# signal to the controller at low power mode.
The controller then enters 1- or 2-phase operation with diode
emulation option to reduce magnetic core and switching
losses, yielding high efficiency at light load. After the PSI#
signal is de-asserted, the dropped phase(s) are added back
to sustain heavy load transient response and efficiency.
Today’s microprocessors require a tightly regulated output
voltage position versus load current (droop). The
ISL6334AR5368 senses the output current continuously by
utilizing patented techniques to measure the voltage across the
dedicated current sense resistor or the DCR of the output
inductor. The sensed current flows out of FB pin to develop the
precision voltage drop across the feedback resistor for droop
control. Current sensing circuits also provide the needed
signals for channel-current balancing, average overcurrent
protection and individual phase current limiting. An NTC
thermistor’s temperature is sensed via TM pin and internally
digitized for thermal monitoring and for integrated thermal
compensation of the current sense elements.
A unity gain, differential amplifier is provided for remote voltage
sensing and completely eliminates any potential difference
between remote and local grounds. This improves regulation
and protection accuracy. The threshold-sensitive enable input is
available to accurately coordinate the start-up of the
ISL6334AR5368 with any other voltage rail. Dynamic-VID™
technology allows seamless on-the-fly VID changes. The
offset pin allows accurate voltage offset settings that are
independent of VID setting.
Features
• Intel VR11.1 Compliant
• Proprietary Active Pulse Positioning (APP) and Adaptive
Phase Alignment (APA) Modulation Scheme
• Proprietary Active Phase Adding and Dropping with Diode
Emulation Scheme For High Light Load Efficiency
• Precision Multiphase Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% Closed-loop System Accuracy Over Load, Line
and Temperature
- Bi-directional, Adjustable Reference-Voltage Offset
• Precision resistor or DCR Differential Current Sensing
- Accurate Load-Line (Droop) Programming
- Accurate Channel-Current Balancing
- Accurate Load Current Monitoring via IMON Pin
• Microprocessor Voltage Identification Input
- Dynamic VID™ Technology for VR11.1 Requirement
- 8-Bit VID, VR11 Compatible
• Average Overcurrent Protection and Channel Current Limit
• Precision Overcurrent Protection on IMON Pin
• Thermal Monitoring and Overvoltage Protection
• Integrated Programmable Temperature Compensation
• Integrated Open Sense Line Protection
• 1- to 4-Phase Operation, Coupled Inductor Compatibility
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
• Pb-Free (RoHS Compliant)
Data Sheet
September 7, 2010


Similar Part No. - ISL6334AR5368

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334AR5368

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com