Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9105 Datasheet(PDF) 10 Page - Intersil Corporation

Part No. ISL9105
Description  600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL9105 Datasheet(HTML) 10 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6415.1
February 13, 2007
PCB Layout Recommendation
The PCB layout is a very important converter design step to
make sure the designed converter works well.
For ISL9105, the power loop is composed of the output
inductor L, the output capacitor COUT, the PHASE pin and
the GND pin. It is necessary to make the power loop as
small as possible and the connecting traces among them
should be direct, short and wide.
The switching node of the converter, the PHASE pin, and the
traces connected to the node are very noisy, so keep the
voltage feedback trace away from these noisy traces.
The input capacitor should be placed to VIN pin as close as
possible. And the ground of input and output capacitors
should be connected as close as possible.
The heat of the IC is mainly dissipated through the thermal
pad. Maximizing the copper area connected to the thermal
pad is preferable. In addition, a solid ground plane is helpful
for better EMI performance.
ISL9105


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn