Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9209C Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9209C
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9209C Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9209C Datasheet HTML 3Page - Intersil Corporation ISL9209C Datasheet HTML 4Page - Intersil Corporation ISL9209C Datasheet HTML 5Page - Intersil Corporation ISL9209C Datasheet HTML 6Page - Intersil Corporation ISL9209C Datasheet HTML 7Page - Intersil Corporation ISL9209C Datasheet HTML 8Page - Intersil Corporation ISL9209C Datasheet HTML 9Page - Intersil Corporation ISL9209C Datasheet HTML 10Page - Intersil Corporation ISL9209C Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6489.0
May 21, 2007
Theory of Operation
The ISL9209C is an integrated circuit (IC) optimized to
provide a redundant safety protection to a Li-ion battery from
charging system failures. The IC monitors the input voltage,
the battery voltage, and the charge current. When any of the
above three parameters exceeds its limit, the IC turns off an
internal P-Channel MOSFET to remove the power from the
charging system. In addition to the above protected
parameters, the IC also monitors its own internal
temperature and turns off the P-Channel MOSFET when the
temperature exceeds +140°C. Together with the battery
charger IC and the protection module in a battery pack, the
charging system has triple-level protection from
overcharging the Li-ion battery and is two-fault tolerant. The
ISL9209C protects up to 30V input voltage.
Power-up
The ISL9209C has a power-on reset (POR) threshold of
2.6V with a built-in hysteresis of 125mV. Before the input
voltage reaches the POR threshold, the internal power PFET
is off. Approximately 10ms after the input voltage exceeds
the POR threshold, the IC resets itself and begins the soft-
start. The 10ms delay allows any transients at the input
during a hot insertion of the power supply to settle down
before the IC starts to operate. The soft-start slowly turns on
the power PFET to reduce the in-rush current as well as the
input voltage drop during the transition. The power-up
behavior is illustrated in Figure 2.
Input Overvoltage Protection (OVP)
The input voltage is monitored by the comparator CP1 in the
“Block Diagram” on page 3 (Figure 1). CP1 has an accurate
reference of 1.2V from the bandgap reference. The OVP
threshold is set by the resistive divider consisting of R1 and
R2. The protection threshold is set to 5.85V. When the input
FIGURE 20. EN INPUT THRESHOLD vs TEMPERATURE
FIGURE 21. EN PIN INTERNAL PULL-DOWN RESISTANCE
FIGURE 22. ON-RESISTANCE vs TEMPERATURE AT DIFFERENT INPUT VOLTAGES
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RILIM = 25.5kΩ, RVB = 200kΩ, Unless Otherwise Noted. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
150
160
170
180
190
200
210
220
230
240
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
3V
4.3V
5V
5.5V
ISL9209C


Similar Part No. - ISL9209C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9209C RENESAS-ISL9209C Datasheet
941Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9209CIRZ INTERSIL-ISL9209CIRZ Datasheet
611Kb / 11P
   Charging System Safety Circuit
ISL9209CIRZ INTERSIL-ISL9209CIRZ Datasheet
614Kb / 11P
   Charging System Safety Circuit
January 16, 2009
logo
Renesas Technology Corp
ISL9209CIRZ RENESAS-ISL9209CIRZ Datasheet
941Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9209C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com