Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6113 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6113
Description  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6113 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6113 Datasheet HTML 1Page - Intersil Corporation ISL6113 Datasheet HTML 2Page - Intersil Corporation ISL6113 Datasheet HTML 3Page - Intersil Corporation ISL6113 Datasheet HTML 4Page - Intersil Corporation ISL6113 Datasheet HTML 5Page - Intersil Corporation ISL6113 Datasheet HTML 6Page - Intersil Corporation ISL6113 Datasheet HTML 7Page - Intersil Corporation ISL6113 Datasheet HTML 8Page - Intersil Corporation ISL6113 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
Dual Slot PCI-E Hot Plug Controllers
The ISL6113, ISL6114 both target the PCI-Express Add-in card
hot swap application. Together with a pair of N-Channel and
P-Channel MOSFETs, and two sense resistors per slot, either
provides compliant hot plug power control to any combination
of two PCI-Express X1, X4, X8 or X16 slots.
The ISL6113, ISL6114 feature a programmable current
regulated (CR) maximum level for a programmable period to
each voltage load so that both fault isolation protection and
imperviousness to electrical transients are provided.
For each +12V supply, the CR level is set by a resistor value
depending on the needs of the PCI-Express connector (X1, X4,
X8 or X16) to be powered. This resistor is a sub-ohm standard
value current sense resistor one for each slot and the voltage
across this resistor is compared to a 50mV reference providing
a nominal CR protection level adequately above the specific
slot maximum limits. The 3.3V supply uses a 15m
Ω sense
resistor compared to a 50mV reference to provide 3.3A of
maximum regulated current to all connector sizes. The
3.3VAUX is internally monitored and controlled to provide a
nominal maximum of 1A of AUX output current.
The CR period for each slot is set by a separate external
capacitor on the associated CFILTER pin. Once the CR period
has expired, the IC then quickly turns off its associated FETs
thus unloading the faulted card from the supply voltage rails. A
nominal 3.3V must always be present on the AUXI pin for
proper IC bias; this should be the 3.3VAUX supply if used, if not
the AUXI pin is tied directly to the 3VMAIN supply. Both ICs
employ a card presence detection input that disables the MAIN
and AUX enabling inputs if it is not pulled low. Output voltage
monitoring with both PCI-E Reset Not and Power Good Not
reporting along with OC Fault reporting are provided. Whereas
the ISL6113 has the same GATE drive and response
characteristics as the ISL6112, the ISL6114 has a lower turn-on
GATE drive current allowing for the use of smaller
compensation capacitors and thus much faster response to
Way Overcurrent (WOC) conditions. Additionally, the ISL6114
does not turn-on with the CR feature invoked as do the
ISL6112, ISL6113 allowing for shorter CR programmed
periods.The ISL6113, ISL6114 are footprint compatible for all
common pins, but not entirely function compatible with the
ISL6112’s QFN package as there are I/O differences.
Features
• Dual PCI-E Slot Hot Swap Power Control and Distribution
• Highest Accuracy External RSENSE Current Monitoring
On Main Supplies
• Programmable Current Regulation Protection Function for
X1, X4, X8, X16 Connectors
• Programmable Current Regulation Duration
• Programmable In-rush Protection During Turn-On
• Latch-off or Retry Modes After Failure
• Pb-free (RoHS Compliant)
Applications
• PCI-Express Servers
• Power Supply Distribution and Control
• Hot Swap/Electronic Breaker Circuits
• Network Hubs, Routers, Switches
• Hot Swap Bays, Cards and Modules
FIGURE 1. TYPICAL ISL6113, ISL6114 BLOCK DIAGRAM
APPLICATION IMPLEMENTATION
3VGATEA
3VINA
12VGATEA
12VINA
ISL6113, ISL6114
3VSENSEA
VSTBYB
VAUXA
12VSENSEA
3VGATEB
3VINB
12VGATEB
12VINB
3SENSEB
VAUXB
12VSENSEB
PRSNTA
PRSNTB
FORONA
FORONB
AUXENB
ONB
ONA
GPI_A0
GPI_BO
GPO_A0
GPO_B0
FAULTA
FAULTB
PWRGDA
PWRGDB
CFILTERA
PERSTB
PERSTA
GND
12VOUTA
3VOUTA
3VOUTB
12VOUTB
CFILTERB
VSTBYA
IF 3.3VAUX NOT
IMPLEMENTED
AUXENA
IF 3.3VAUX NOT
IMPLEMENTED
FN6457.0
ISL6113, ISL6114
Data Sheet
September 25, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN6457.0


Similar Part No. - ISL6113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
ISL6113EVAL1Z RENESAS-ISL6113EVAL1Z Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
ISL6113IRZA RENESAS-ISL6113IRZA Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
ISL6113IRZA-T RENESAS-ISL6113IRZA-T Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

Similar Description - ISL6113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com