Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6326 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6326
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6326 Datasheet HTML 2Page - Intersil Corporation ISL6326 Datasheet HTML 3Page - Intersil Corporation ISL6326 Datasheet HTML 4Page - Intersil Corporation ISL6326 Datasheet HTML 5Page - Intersil Corporation ISL6326 Datasheet HTML 6Page - Intersil Corporation ISL6326 Datasheet HTML 7Page - Intersil Corporation ISL6326 Datasheet HTML 8Page - Intersil Corporation ISL6326 Datasheet HTML 9Page - Intersil Corporation ISL6326 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
FN9262.0
April 21, 2006
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD (Human body model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD (Machine model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>200V
ESD (Charged device model) . . . . . . . . . . . . . . . . . . . . . . . . >1.5kV
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Ambient Temperature (ISL6326CRZ) . . . . . . . . . . . . . . 0°C to 70°C
Ambient Temperature (ISL6326IRZ) . . . . . . . . . . . . . .-40°C to 85°C
Thermal Information
Thermal Resistance (Notes 1, 2)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
32
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
2.
For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN_PWR = 5VDC; RT = 100kΩ,
ISEN1 = ISEN2 = ISEN3 = ISEN4 = -70
μA
-18
26
mA
Shutdown Supply
VCC = 5VDC; EN_PWR = 0VDC; RT = 100kΩ
-14
21
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC Rising
4.3
4.5
4.7
V
VCC Falling
3.7
3.9
4.2
V
EN_PWR Threshold
Rising
0.850
0.875
0.910
V
Hysteresis
-
130
-
mV
Falling
0.720
0.745
0.775
V
EN_VTT Threshold
Rising
0.850
0.875
0.910
V
Hysteresis
-
130
-
mV
Falling
0.720
0.745
0.775
V
REFERENCE VOLTAGE AND DAC
System Accuracy of ISL6326CRZ
(VID = 1V-1.6V, TJ = 0°C to 70°C)
(Note 3)
-0.5
-
0.5
%VID
System Accuracy of ISL6326CRZ
(VID = 0.5V-1V, TJ = 0°C to 70°C)
(Note 3)
-0.9
-
0.9
%VID
System Accuracy of ISL6326IRZ
(VID = 1V-1.6V, TJ = -40°C to 85°C)
(Note 3)
-0.6
-
0.6
%VID
System Accuracy of ISL6326IRZ
(VID = 0.5V-1V,TJ = -40°C to 85°C)
(Note 3)
-1
-
1
%VID
VID Pull Up
-60
-40
-20
μA
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
-
-
V
VRSEL Input Low Level
--
0.4
V
VRSEL Input High Level
0.8
-
-
V
DAC Source Current
-4
7
mA
ISL6326


Similar Part No. - ISL6326

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326BCRZ INTERSIL-ISL6326BCRZ Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Similar Description - ISL6326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com