Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6262A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6262A
Description  Two-Phase Core Controller Santa Rosa, IMVP-6
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6262A Datasheet HTML 1Page - Intersil Corporation ISL6262A Datasheet HTML 2Page - Intersil Corporation ISL6262A Datasheet HTML 3Page - Intersil Corporation ISL6262A Datasheet HTML 4Page - Intersil Corporation ISL6262A Datasheet HTML 5Page - Intersil Corporation ISL6262A Datasheet HTML 6Page - Intersil Corporation ISL6262A Datasheet HTML 7Page - Intersil Corporation ISL6262A Datasheet HTML 8Page - Intersil Corporation ISL6262A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN6343.1
December 23, 2008
PGOOD Delay
tpgd
CLK_EN# Low to PGOOD High
6.3
7.6
8.9
ms
Overvoltage Threshold
OVH
VO rising above setpoint >1ms
160
200
240
mV
Severe Overvoltage Threshold
OVHS
VO rising above setpoint >0.5µs
1.675
1.7
1.725
V
OCSET Reference Current
I (RBIAS) = 10µA
9.8
10
10.2
µA
OC Threshold Offset
DROOP rising above OCSET >120µs
-3.5
3.5
mV
Current Imbalance Threshold
Difference between ISEN1 and ISEN2 >1ms
9
mV
Undervoltage Threshold
(VDIFF-SOFT)
UVf
VO falling below setpoint for >1ms
-360
-300
-240
mV
LOGIC INPUTS
VR_ON, DPRSLPVR Input Low
VIL(3.3V)
1V
VR_ON, DPRSLPVR Input High
VIH(3.3V)
2.3
V
Leakage Current of VR_ON
IIL(3.3V)
Logic input is low
-1
0
µA
IIH(3.3V)
Logic input is high at 3.3V
0
1
µA
Leakage Current of DPRSLPVR
IIL_DPRSLP(3.3V) DPRSLPVR input is low
-1
0
µA
IIH_DPRSLP(3.3V) DPRSLPVR input is high at 3.3V
0.45
1
µA
DAC(VID0-VID6), PSI# and
DPRSTP# Input Low
VIL(1V)
0.3
V
DAC(VID0-VID6), PSI# and
DPRSTP# Input High
VIH(1V)
0.7
V
Leakage Current of DAC(VID0-
VID6), PSI# and DPRSTP#
IIL(1V)
Logic input is low
-1
0
µA
IIH(1V)
Logic input is high at 1V
0.45
1
µA
THERMAL MONITOR
NTC Source Current
NTC = 1.3V
53
60
67
µA
Over-Temperature Threshold
V(NTC) falling
1.18
1.2
1.22
V
VR_TT# Low Output Resistance
RTT
I = 20mA
6.5
9
Ω
POWER MONITOR
PMON Output Voltage Range
Vpmon
VSEN = 1.2V, Droop - VO = 80mV
1.638
1.680
1.722
V
VSEN = 1V, Droop - VO = 20mV
0.308
0.350
0.392
V
PMON Maximum Voltage
Vpmonmax
2.8
3.0
V
PMON Sourcing Current
Isc_pmon
VSEN = 1V, Droop - VO = 50mV
2
mA
PMON Sinking Current
Isk_pmon
VSEN = 1V, Droop - VO = 50mV
2
mA
Maximum Current Sinking Capability
(see Figure 31)
PMON/
250
Ω
PMON/
180
Ω
PMON/
130
Ω
A
PMON Impedance
When PMON is within its sourcing/sinking
current range (Established by
characterization)
7
Ω
CLK_EN# OUTPUT LEVELS
CLK_EN# High Output Voltage
VOH
3V3 = 3.3V, I = -4mA
2.9
3.1
V
CLK_EN# Low Output Voltage
VOL
ICLK_EN# = 4mA
0.26
0.4
V
Electrical Specifications
VDD = 5V, TA = -40°C to +100°C, unless otherwise specified. Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6262A


Similar Part No. - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262ACRZ RENESAS-ISL6262ACRZ Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ-T INTERSIL-ISL6262ACRZ-T Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
More results

Similar Description - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com