Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6322GIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6322GIRZ
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322GIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6322GIRZ Datasheet HTML 4Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 5Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 6Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 7Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 8Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 9Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 10Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 11Page - Intersil Corporation ISL6322GIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
FN6715.0
May 22, 2008
Timing Diagram
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF load, 10% to 90%
26
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF load, 10% to 90%
18
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF load, 90% to 10%
18
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF load, 90% to 10%
12
ns
UGATE Turn-On Non-Overlap
tPDHUGATE; VPVCC = 12V, 3nF load, adaptive
10
ns
LGATE Turn-On Non-Overlap
tPDHLGATE; VPVCC = 12V, 3nF load, adaptive
10
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA source current
2.0
Ω
Upper Drive Sink Resistance
VPVCC = 12V, 15mA sink current
1.65
Ω
Lower Drive Source Resistance
VPVCC = 12V, 15mA source current
1.25
Ω
Lower Drive Sink Resistance
VPVCC = 12V, 15mA sink current
0.80
Ω
OVER TEMPERATURE SHUTDOWN (Note 3)
Thermal Shutdown Setpoint
160
°C
Thermal Recovery Setpoint
100
°C
Electrical Specifications Recommended Operating Conditions, Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not production
tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6322G
ISL6322G


Similar Part No. - ISL6322GIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6322GIRZ RENESAS-ISL6322GIRZ Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
More results

Similar Description - ISL6322GIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com