Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29101 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL29101
Description  Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29101 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL29101 Datasheet HTML 1Page - Intersil Corporation ISL29101 Datasheet HTML 2Page - Intersil Corporation ISL29101 Datasheet HTML 3Page - Intersil Corporation ISL29101 Datasheet HTML 4Page - Intersil Corporation ISL29101 Datasheet HTML 5Page - Intersil Corporation ISL29101 Datasheet HTML 6Page - Intersil Corporation ISL29101 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN6510.0
July 1, 2008
FIGURE 7. OUTPUT VOLTAGE vs LIGHT SENSITIVITY
FIGURE 8. OUTPUT VOLTAGE vs LIGHT INTENSITY
FIGURE 9. TRANSIENT TIME vs LUX CHANGE FROM 0 LUX
FIGURE 10. OUTPUT VOLTAGE vs TEMPERATURE AT 0 LUX
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE AT 0 LUX
FIGURE 12. NORMALIZED OUTPUT VOLTAGE vs
TEMPERATURE
Typical Performance Curves (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
700
800
900 1000
LIGHT INTENSITY (LUX)
FLUORESCENT
HALOGEN
INCANDESCENT
VDD = 3V
REXT = 100kΩ
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LIGHT INTENSITY (LUX)
0
10203040
5060
70
80
90
100
FLUORESCENT
INCANDESCENT
HALOGEN
VDD = 3V
REXT = 1MΩ
0.01
0.10
1.00
10.00
100.00
110
100
1k
LUX CHANGE FROM 0 LUX (LUX)
FALL TIME
DELAY TIME BEFORE FALLING
RISE TIME
DELAY TIME BEFORE
BEFORE RISING
-0.013
0
0.013
0.026
0.039
0.052
0.065
0.078
0.091
0.104
0.117
-2
0
2
4
6
8
10
12
14
16
18
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
VDD = 3V
REXT = 10MΩ
LIGHT INTENSITY = 0 LUX
VDD = 3V
REXT = 10MΩ
0.4
0.6
0.8
1.0
1.2
1.4
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
VDD = 3V
REXT = 10MΩ
LIGHT INTENSITY = 0 LUX
NO LOAD
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
VDD = 3V
FLUORESCENT LIGHT
300 LUX
1000 LUX
ISL29101


Similar Part No. - ISL29101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101IROZ-EVALZ RENESAS-ISL29101IROZ-EVALZ Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results

Similar Description - ISL29101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com