Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6112INZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6112INZA
Description  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112INZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6112INZA Datasheet HTML 1Page - Intersil Corporation ISL6112INZA Datasheet HTML 2Page - Intersil Corporation ISL6112INZA Datasheet HTML 3Page - Intersil Corporation ISL6112INZA Datasheet HTML 4Page - Intersil Corporation ISL6112INZA Datasheet HTML 5Page - Intersil Corporation ISL6112INZA Datasheet HTML 6Page - Intersil Corporation ISL6112INZA Datasheet HTML 7Page - Intersil Corporation ISL6112INZA Datasheet HTML 8Page - Intersil Corporation ISL6112INZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
®
FN6456.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6112
Dual Slot PCI-Express Power Controller
The ISL6112 targets the PCI-Express add-in card hot plug
application. Together with two each of N-Channel and
P-Channel MOSFETs, four current sense resistors and
several external passive components the ISL6112 provides
a compliant hot plug power control solution to any
combination of two PCI-Express X1, X4, X8 or X16 slots.
The ISL6112 features the ability to program a maximum
current regulated level for each of the MAIN outputs for a
common programmable duration so that both fault isolation
protection and imperviousness to electrical transients (OC
and soft-start protection) are provided to each system
supply. For each 12VMAIN supply, the current regulated
(CR) level is set by a resistor value dependant on the size of
the PCI-Express connector (X1, X4/X8 or X16) to be
powered. This resistor is a sub ohm standard value current
sense resistor one each for each of the 3VMAIN and
12VMAIN supplies. The voltage across this resistor is
compared to a 50mV reference providing a nominal CR
protection level which would be set above the maximum
specified slot limits. The 3.3V supply can use a 15m
Ω sense
resistor compared to a 50mV reference to provide a nominal
regulated current limit of 3.3A to all connector sizes. A
shutdown without a CR duration delay is invoked if RSENSE
voltage is >100mV. The VAUX is internally monitored and
controlled to provide nominal limiting to 1A of load current.
The ISL6112 is System Management Interface (SMI)
capable with an integrated SMBus link for communication,
control, monitoring and reporting of IC and slot conditions.
Information such as UV, OC, STATUS, power level etc. are
available. Additionally the IC has a minimum of I/O for
implementations where Hot-Plug Hardware Interface (HPI) is
implemented.
Features
• Supports Two Independent PCI Express Slots
• Highest Available Accuracy External RSENSE Current
Monitoring on Main Supplies
• Programmable Current Regulation Protection Function for
X1, X4, X8, X16 Connectors
• 12V, 3.3V, and 3.3VAUX Supplies Supported per PCI
Express Specification V1.0A
• Voltage Tolerant I/O SMBus Interface for Slot Power
Control and Status, compatible with SMBus 2.0 Systems
• Programmable Current Regulation Duration
• Programmable In-rush Current Limiting
• Dual Level Fault Detection for Quick Fault Response
without Nuisance Tripping
• Slot to Slot Electrical and Thermal Isolation
• Two General Purpose Input Pins Suitable for Interface to
Logic and Switches.
• TQFP or QFN Pb-Free Package Options
- TQFP is pin for pin equivalent to MIC2592B-2YTQ and
is compatible with the TPS2363 pinout
- The QFN package is 40% smaller and has lower die to
case thermal impedance than the TQFP
• Pb-Free (RoHS Compliant)
Applications
• PCI Express V1.0A hot-plug power control
• PCI-Express Servers
• Power Supply Distribution and Control
Ordering Information
PART NUMBER
(Note)
PART MARKING
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL6112IRZA
ISL6112 IRZ
-40 to +85
48 Ld 7x7 QFN
L48.7x7
ISL6112IRZA-T*
ISL6112 IRZ
-40 to +85
48 Ld 7x7 QFN Tape and Reel
L48.7x7
ISL6112INZA
ISL6112 INZ
-40 to +85
48 Ld 7x7 TQFP
Q48.7x7
ISL6112INZA-T*
ISL6112 INZ
-40 to +85
48 Ld 7x7 TQFP Tape and Reel
Q48.7x7
ISL6112EVAL1Z
Evaluation Platform
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
September 28, 2007


Similar Part No. - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

Similar Description - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com