Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL6336AIRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # IL6336AIRZ
Description  6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IL6336AIRZ Datasheet(HTML) 2 Page - Intersil Corporation

  IL6336AIRZ Datasheet HTML 1Page - Intersil Corporation IL6336AIRZ Datasheet HTML 2Page - Intersil Corporation IL6336AIRZ Datasheet HTML 3Page - Intersil Corporation IL6336AIRZ Datasheet HTML 4Page - Intersil Corporation IL6336AIRZ Datasheet HTML 5Page - Intersil Corporation IL6336AIRZ Datasheet HTML 6Page - Intersil Corporation IL6336AIRZ Datasheet HTML 7Page - Intersil Corporation IL6336AIRZ Datasheet HTML 8Page - Intersil Corporation IL6336AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
FN6504.0
March 3, 2008
Pinout
ISL6336, ISL6336A
(48 LD QFN)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6336CRZ*
ISL6336 CRZ
0 to +70
48 Ld 7x7 QFN
L48.7x7
ISL6336IRZ*
ISL6336 IRZ
-40 to +85
48 Ld 7x7 QFN
L48.7x7
ISL6336ACRZ*
ISL6336A CRZ
0 to+70
48 Ld 7x7 QFN
L48.7x7
ISL6336AIRZ *
ISL6336A IRZ
-40 to +85
48 Ld 7x7 QFN
L48.7x7
*Add “-T” for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
VID6
VID5
VID4
VID3
VID2
VID0
OFS
VID1
PSI#
VID7
ISEN2-
PWM2
PWM3
ISEN3-
ISEN3+
ISEN1+
ISEN1-
PWM1
PWM4
ISEN4-
IMON
DAC
ISEN2+
ISEN4+
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
GND
ISL6336, ISL6336A


Similar Part No. - IL6336AIRZ

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
   Passive Input Digital Isolators
IL610-1 ETC-IL610-1 Datasheet
840Kb / 14P
   Passive Input Digital Isolators
More results

Similar Description - IL6336AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Renesas Technology Corp
ISL6336 RENESAS-ISL6336 Datasheet
1Mb / 32P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Intersil Corporation
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Renesas Technology Corp
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com