Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22444 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL22444
Description  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL22444 Datasheet HTML 6Page - Intersil Corporation ISL22444 Datasheet HTML 7Page - Intersil Corporation ISL22444 Datasheet HTML 8Page - Intersil Corporation ISL22444 Datasheet HTML 9Page - Intersil Corporation ISL22444 Datasheet HTML 10Page - Intersil Corporation ISL22444 Datasheet HTML 11Page - Intersil Corporation ISL22444 Datasheet HTML 12Page - Intersil Corporation ISL22444 Datasheet HTML 13Page - Intersil Corporation ISL22444 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6426.0
May 24, 2007
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (1MHz)
Typical Performance Curves (Continued)
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25ºC
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25ºC
VCC = 2.25V
-0.40
0.00
0.40
0.80
1.20
1.60
-40
0
40
80
120
10k
5.5V
TEMPERATURE (ºC)
50k
2.25V
0
40
80
120
160
200
16
66
116
166
TAP POSITION (DECIMAL)
216
266
10k
50k
0
100
200
300
400
500
16
66
116
166
216
TAP POSITION (DECIMAL)
10k
50k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 80h)
RTOTAL = 10kΩ
ISL22444


Similar Part No. - ISL22444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444TFR20Z RENESAS-ISL22444TFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444TFV20Z RENESAS-ISL22444TFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444UFR20Z RENESAS-ISL22444UFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

Similar Description - ISL22444

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com