Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22444 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL22444
Description  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22444 Datasheet HTML 2Page - Intersil Corporation ISL22444 Datasheet HTML 3Page - Intersil Corporation ISL22444 Datasheet HTML 4Page - Intersil Corporation ISL22444 Datasheet HTML 5Page - Intersil Corporation ISL22444 Datasheet HTML 6Page - Intersil Corporation ISL22444 Datasheet HTML 7Page - Intersil Corporation ISL22444 Datasheet HTML 8Page - Intersil Corporation ISL22444 Datasheet HTML 9Page - Intersil Corporation ISL22444 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6426.0
May 24, 2007
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, SPI interface
in standby state
-4.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, SPI interface
in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, SPI
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, SPI
interface in standby state
-3.0
-0.4
µA
ISD
VCC Current (shutdown)
VCC = +5.5V, V- = -5.5V @ +85°C, SPI interface
in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, SPI interface
in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, SPI
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, SPI
interface in standby state
0.5
2.0
µA
IV-SD
V- Current (shutdown)
V- = -5.5V, VCC = +5.5V @ +85°C, SPI interface
in standby state
-4.0
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, SPI interface
in standby state
-5.0
-1.5
µA
V- = -2.25V, VCC = +2.25V @ +85°C, SPI
interface in standby state
-2.0
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, SPI
interface in standby state
-3.0
-0.4
µA
ILkgDig
Leakage current, at pins SCK, SDI,
SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 20)
DCP wiper response time
CS rising edge to wiper new position
1.5
µs
tShdnRec
(Note 20)
DCP recall time from shutdown
mode
CS rising edge to wiper stored position and RH
connection
1.5
µs
Vpor
Power-on recall voltage
Minimum VCC at which memory recall occurs
1.9
2.1
V
VCCRamp VCC ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and SPI Interface in standby
state
5ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
+55ºC
50
Years
tWC
(Note 18)
Non-volatile Write Cycle time
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SCK, SDI, and CS input buffer
LOW voltage
0.3*VCC
V
VIH
SCK, SDI, and CS input buffer
HIGH voltage
0.7*VCC
V
Hysteresis
SCK, SDI, and CS input buffer
hysteresis
0.05*VCC
V
VOL
SDO output buffer LOW voltage
IOL = 4mA for Open Drain output, pull-up voltage
Vpu = VCC
00.4
V
Rpu
(Note 19)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK = 5MHz
2k
Ω
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
ISL22444


Similar Part No. - ISL22444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444TFR20Z RENESAS-ISL22444TFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444TFV20Z RENESAS-ISL22444TFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22444UFR20Z RENESAS-ISL22444UFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

Similar Description - ISL22444

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com