Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28270 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28270
Description  Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28270 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28270 Datasheet HTML 1Page - Intersil Corporation ISL28270 Datasheet HTML 2Page - Intersil Corporation ISL28270 Datasheet HTML 3Page - Intersil Corporation ISL28270 Datasheet HTML 4Page - Intersil Corporation ISL28270 Datasheet HTML 5Page - Intersil Corporation ISL28270 Datasheet HTML 6Page - Intersil Corporation ISL28270 Datasheet HTML 7Page - Intersil Corporation ISL28270 Datasheet HTML 8Page - Intersil Corporation ISL28270 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6260.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006-2009. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28270, ISL28273, ISL28470
Dual and Quad Channel Micropower,
Single Supply, Rail-to-Rail Input and
Output (RRIO) Instrumentation Amplifiers
The ISL28270 and ISL28273 are dual channel micropower
instrumentation amplifiers (in-amps) and the ISL28470 is a
quad channel in-amp optimized for single supply operation
over the +2.4V to +5.5V range.
All three devices feature an Input Range Enhancement
Circuit (IREC) which maintains CMRR performance for input
voltages equal to the positive supply and down to 50mV
above the negative supply rail. The input signal is capable of
swinging above the positive supply rail and to 10mV above
the negative supply with only a slight degradation of the
CMRR performance. The output operation is rail-to-rail.
The ISL28273 is compensated for a minimum gain of 10 or
more. For higher gain applications, the ISL28270 and
ISL28470 are compensated for a minimum gain of 100. The
in-amps have bipolar input devices for best offset and
excellent 1/f noise performance. The amplifiers can be
operated from one lithium cell or two Ni-Cd batteries.
Features
• 150µV Max Offset Voltage (ISL28270, ISL28470)
• 600µV Max Offset Voltage (ISL28273)
• 2.5nA Max Input Bias Current (ISL28270, ISL28470)
• 110dB CMRR
• 0.7µV/°C Offset Voltage Temperature Co-efficient
• 240kHz -3dB Bandwidth (G = 100) ISL28270, ISL28470
• 230kHz -3dB Bandwidth (G = 10) ISL28273
• Single Supply Operation
• Rail-to-Rail Input and Output (RRIO)
• Pb-Free (RoHS Compliant)
Applications
• Battery or Solar-Powered Systems
• Strain Gauge
• Sensor Signal Conditioning
• Medical Devices
• Industrial Instrumentations
Related Literature
• AN1289, ISL28470EVAL1Z Evaluation Board User’s
Guide
• AN1290, ISL2827xINEVAL1Z Evaluation Board User’s
Guide
• AN1298, Instrumentation Amplifier Application Note
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28270IAZ
28270 IAZ
16 Ld QSOP
MDP0040
ISL28270IAZ-T13*
28270 IAZ
16 Ld QSOP
MDP0040
ISL28273FAZ
28273 FAZ
16 Ld QSOP
MDP0040
ISL28273FAZ-T7*
28273 FAZ
16 Ld QSOP
MDP0040
ISL28470FAZ
ISL28470 FAZ 28 Ld QSOP
MDP0040
ISL28470FAZ-T7 *
ISL28470 FAZ 28 Ld QSOP
MDP0040
ISL28270INEVAL1Z
Evaluation Platform
ISL28273INEVAL1Z
Evaluation Platform
ISL28470EVAL1Z
Evaluation Platform
*Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
October 21, 2009


Similar Part No. - ISL28270

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ RENESAS-ISL28270IAZ Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ-T13 INTERSIL-ISL28270IAZ-T13 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
More results

Similar Description - ISL28270

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com