Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97653AIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97653AIRZ
Description  5-Channel Integrated LCD Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97653AIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97653AIRZ Datasheet HTML 3Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 9Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 10Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6367.0
December 6, 2007
Typical Performance Curves
FIGURE 1. BOOST EFFICIENCY
FIGURE 2. BOOST LOAD REGULATION
FIGURE 3. BOOST LINE REGULATION
FIGURE 4. BUCK EFFICIENCY
FIGURE 5. BUCK LOAD REGULATION
FIGURE 6. BUCK LINE REGULATION
70
80
90
100
0
500
1000
1500
IO (mA)
VIN = 8V
VIN = 5V
VIN = 12V
0.0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
IO (mA)
VIN = 8V
VIN = 12V
VIN = 5V
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
5
6
7
8
9
1011
121314
VIN (V)
IO = 100mA
IO = 400mA
50
60
70
80
90
100
0
500
1000
1500
2000
IO (mA)
VIN = 5V
VIN = 12V
VIN = 8V
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
500
1000
1500
2000
IO (mA)
VIN = 5V
VIN = 12V
VIN = 8V
0.00
0.02
0.04
0.06
0.08
0.10
10
11
12
13
14
VIN (V)
56
7
8
9
IO = 100mA
IO = 400mA
ISL97653A


Similar Part No. - ISL97653AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ RENESAS-ISL97653AIRZ Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ-T RENESAS-ISL97653AIRZ-T Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-TK INTERSIL-ISL97653AIRZ-TK Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results

Similar Description - ISL97653AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com