Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28474FAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL28474FAZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28474FAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28474FAZ Datasheet HTML 3Page - Intersil Corporation ISL28474FAZ Datasheet HTML 4Page - Intersil Corporation ISL28474FAZ Datasheet HTML 5Page - Intersil Corporation ISL28474FAZ Datasheet HTML 6Page - Intersil Corporation ISL28474FAZ Datasheet HTML 7Page - Intersil Corporation ISL28474FAZ Datasheet HTML 8Page - Intersil Corporation ISL28474FAZ Datasheet HTML 9Page - Intersil Corporation ISL28474FAZ Datasheet HTML 10Page - Intersil Corporation ISL28474FAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6345.0
December 13, 2006
FIGURE 13. AMPLIFIER “B” (OP-AMP) INPUT OFFSET
VOLTAGE vs OUTPUT VOLTAGE
FIGURE 14. AMPLIFIER “B” (OP-AMP) INPUT OFFSET
VOLTAGE vs COMMON-MODE INPUT VOLTAGE
FIGURE 15. AMPLIFIER “B” (OP-AMP) AVOL vs FREQUENCY
@ 100k
Ω LOAD
FIGURE 16. AMPLIFIER “B” (OP-AMP) AVOL vs FREQUENCY
@ 1k
Ω LOAD
FIGURE 17. AMPLIFIER “B” (OP-AMP) PSRR vs FREQUENCY
FIGURE 18. AMPLIFIER “B” (OP-AMP) CMRR vs FREQUENCY
Typical Performance Curves (Continued)
60
80
40
-80
-40
0
20
05
OUTPUT VOLTAGE (V)
13
24
VCM = VDD/2
-60
-20
VDD = 2.5V
VDD = 5V
-100
100
-100
-80
-20
0
-60
-40
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
VOS, µV
-80
40
120
80
-40
0
1
1k
100k
10M
FREQUENCY (Hz)
10
-120
80
40
0
-40
-80
10k
1M
100
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
-150
200
150
100
50
0
-50
-100
100k
1k
PHASE
GAIN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
TEMPERATURE (°C)
PSRR +
PSRR -
VSOURCE = 1Vp-p
RL = 10kΩ
VS = 5VDC
AV = +1
1M
TEMPERATURE (°C)
VSOURCE = 1Vp-p
RL = 10kΩ
VS = ±2.5VDC
10
100
1k
10k
100k
1M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
0
ISL28274, ISL28474


Similar Part No. - ISL28474FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28470 INTERSIL-ISL28470 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28470EVAL1Z INTERSIL-ISL28470EVAL1Z Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28470EVAL1Z INTERSIL-ISL28470EVAL1Z Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28470EVAL1Z RENESAS-ISL28470EVAL1Z Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28470FAZ INTERSIL-ISL28470FAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
More results

Similar Description - ISL28474FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com