Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59446 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59446
Description  500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59446 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59446 Datasheet HTML 1Page - Intersil Corporation ISL59446 Datasheet HTML 2Page - Intersil Corporation ISL59446 Datasheet HTML 3Page - Intersil Corporation ISL59446 Datasheet HTML 4Page - Intersil Corporation ISL59446 Datasheet HTML 5Page - Intersil Corporation ISL59446 Datasheet HTML 6Page - Intersil Corporation ISL59446 Datasheet HTML 7Page - Intersil Corporation ISL59446 Datasheet HTML 8Page - Intersil Corporation ISL59446 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6261.0
May 19, 2006
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 500
Ω LOAD
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
INTO 500
Ω LOAD
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs CL
INTO 150
Ω LOAD
FIGURE 5. GAIN vs FREQUENCY vs RL
FIGURE 6. 0.1dB GAIN FLATNESS
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 2.1pF
CL = 4.5pF
CL = 8.8pF
CL = 6.2pF
CL = 3.3pF
CL = 7.4pF
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 0.2VP-P
CL = 1.1pF
CL = 0.6pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 3.3pF
CL = 6.2pF
CL = 12.6pF
CL = 8.8pF
CL = 4.5pF
CL = 10.6pF
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 0.2VP-P
CL = 2.1pF
CL = 0.6pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 8.8pF
CL = 5.3pF
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 2.1pF
CL = 0.6pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 12.6pF
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 5.3pF
CL = 2.1pF
CL = 0.6pF
-5
-4
-3
-2
-1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
RL = 1kΩ
-6
-7
-8
VOUT = 0.2VP-P
CL = 1.1pF
RL = 500Ω
RL = 250Ω
RL = 150Ω
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.3
1M
10M
100M
1G
FREQUENCY (Hz)
-0.6
-0.7
0.2
RL = 500Ω
VOUT = 0.2VP-P
CL = 1.1pF
RL = 150Ω
CL = 2.1pF
ISL59446


Similar Part No. - ISL59446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
ISL59446IRZ RENESAS-ISL59446IRZ Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
ISL59446IRZ-T7 RENESAS-ISL59446IRZ-T7 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results

Similar Description - ISL59446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com