Electronic Components Datasheet Search |
|
ISL3158EIBZ Datasheet(PDF) 7 Page - Intersil Corporation |
|
ISL3158EIBZ Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 22 page 7 FN6363.2 July 30, 2009 DRIVER SWITCHING CHARACTERISTICS (115kbps Versions; ISL3150E, ISL3152E) Driver Differential Output Delay tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2) Full 500 970 1300 ns Driver Differential Output Skew tSKEW RDIFF = 54Ω, CL = 100pF (Figure 2) Full - 12 50 ns Driver Differential Rise or Fall Time tR, tF RDIFF = 54Ω, CL = 100pF (Figure 2) Full 700 1100 1600 ns Maximum Data Rate fMAX CD = 820pF (Figure 4) (Note 17) Full 115 2000 - kbps Driver Enable to Output High tZH RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Note 9) Full - 300 600 ns Driver Enable to Output Low tZL RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Note 9) Full - 130 500 ns Driver Disable from Output Low tLZ RL = 500Ω, CL = 15pF, SW = VCC (Figure 3) Full - 50 65 ns Driver Disable from Output High tHZ RL = 500Ω, CL = 15pF, SW = GND (Figure 3) Full - 35 60 ns Time to Shutdown tSHDN (Note 11) Full 60 160 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Notes 11, 12) Full - - 250 ns Driver Enable from Shutdown to Output Low tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Notes 11, 12) Full - - 250 ns DRIVER SWITCHING CHARACTERISTICS (1Mbps Versions; ISL3153E, ISL3155E) Driver Differential Output Delay tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2) Full 150 270 400 ns Driver Differential Output Skew tSKEW RDIFF = 54Ω, CL = 100pF (Figure 2) Full - 3 10 ns Driver Differential Rise or Fall Time tR, tF RDIFF = 54Ω, CL = 100pF (Figure 2) Full 150 325 450 ns Maximum Data Rate fMAX CD = 820pF (Figure 4) (Note 17) Full 1 8 - Mbps Driver Enable to Output High tZH RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Note 9) Full - 110 200 ns Driver Enable to Output Low tZL RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Note 9) Full - 60 200 ns Driver Disable from Output Low tLZ RL = 500Ω, CL = 15pF, SW = VCC (Figure 3) Full - 50 65 ns Driver Disable from Output High tHZ RL = 500Ω, CL = 15pF, SW = GND (Figure 3) Full - 35 60 ns Time to Shutdown tSHDN (Note 11) Full 60 160 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND (Figure 3), (Notes 11, 12) Full - - 250 ns Driver Enable from Shutdown to Output Low tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC (Figure 3), (Notes 11, 12) Full - - 250 ns Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA =+25°C (Note6). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN (Note 14) TYP MAX (Note 14) UNITS ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E |
Similar Part No. - ISL3158EIBZ |
|
Similar Description - ISL3158EIBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |