Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334B Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL6334B
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334B Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL6334B Datasheet HTML 19Page - Intersil Corporation ISL6334B Datasheet HTML 20Page - Intersil Corporation ISL6334B Datasheet HTML 21Page - Intersil Corporation ISL6334B Datasheet HTML 22Page - Intersil Corporation ISL6334B Datasheet HTML 23Page - Intersil Corporation ISL6334B Datasheet HTML 24Page - Intersil Corporation ISL6334B Datasheet HTML 25Page - Intersil Corporation ISL6334B Datasheet HTML 26Page - Intersil Corporation ISL6334B Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
FN6689.2
August 31, 2010
We recommend using those resistors for the accurate
temperature compensation.
There is an comparator with hysteresis to compare the TM
pin voltage to the fixed threshold for the VR_HOT signal.
The VR_HOT signal is set to high when the TM voltage goes
below 33.3% of VCC voltage, and is pulled to GND when the
TM voltage goes back to above 39.1% of VCC voltage.
Figure 14 shows the operation of those signals.
Based on the NTC temperature characteristics and the
desired threshold of the VR_HOT signal, the pull-up resistor
RTM1 of TM pin is given by Equation 18:
RNTC(T3) is the NTC resistance at the VR_HOT threshold
temperature T3.
The NTC resistance at the set point T2 can be calculated as
shown in Equations 19:
With the NTC resistance value obtained from Equations 18
and 19, the temperature value T3 and T2 can be found from
the NTC datasheet.
Temperature Compensation
The ISL6334B, ISL6334C supports inductor DCR sensing,
or resistive sensing techniques. The inductor DCR has a
positive temperature coefficient, which is about +0.385%/°C.
Since the voltage across inductor is sensed for the output
current information, the sensed current has the same
positive temperature coefficient as the inductor DCR.
In order to obtain the correct current information, there
should be a way to correct the temperature impact on the
current sense component. ISL6334B, ISL6334C provides
two methods: integrated temperature compensation and
external temperature compensation.
Integrated Temperature Compensation
When the TCOMP voltage is equal or greater than VCC/15,
ISL6334B, ISL6334C will utilize the voltage at TM and
TCOMP pins to compensate the temperature impact on the
sensed current. The block diagram of this function is shown
in Figure 15.
When the TM NTC is placed close to the current sense
component (inductor), the temperature of the NTC will track
the temperature of the current sense component. Therefore
the TM voltage can be utilized to obtain the temperature of
the current sense component.
Based on VCC voltage, ISL6334B, ISL6334C converts the
TM pin voltage to a 6-bit TM digital signal for temperature
compensation. With the non-linear A/D converter of
ISL6334B, ISL6334C, the TM digital signal is linearly
proportional to the NTC temperature. For accurate
temperature compensation, the ratio of the TM voltage to the
NTC temperature of the practical design should be similar to
that in Figure 13.
FIGURE 13. THE RATIO OF TM VOLTAGE TO NTC
TEMPERATURE WITH RECOMMENDED PARTS
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
TM
VR_HOT
0.391*Vcc
0.333*Vcc
TEMPERATURE
T2
T3
FIGURE 14. VR_HOT SIGNAL vs TM VOLTAGE
R
TM1
2.75xR
NTC T3
()
=
(EQ. 18)
R
NTC T2
()
1.267xR
NTC T3
()
=
(EQ. 19)
FIGURE 15. BLOCK DIAGRAM OF INTEGRATED
TEMPERATURE COMPENSATION
oc
R
TM1
R
NTC
TM
R
TC1
R
TC2
TCOMP
V
CC
NON-LINEAR
A/D
4-BIT
A/D
DROOP AND
OVERCURRENT
PROTECTION
I
1
I
2
I
3
I
4
k
i
D/A
CHANNEL
CURRENT
SENSE
I
sen4
I
sen3
I
sen2
I
sen1
V
CC
ISL6334B, ISL6334C


Similar Part No. - ISL6334B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334BCRZ RENESAS-ISL6334BCRZ Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334BIRZ RENESAS-ISL6334BIRZ Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6336DIRZ INTERSIL-ISL6336DIRZ Datasheet
777Kb / 30P
   VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
October 6, 2014
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D_09 Datasheet
530Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6336D RENESAS-ISL6336D Datasheet
1Mb / 30P
   VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com