Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3331IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3331IRZ
Description  3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3331IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3331IRZ Datasheet HTML 5Page - Intersil Corporation ISL3331IRZ Datasheet HTML 6Page - Intersil Corporation ISL3331IRZ Datasheet HTML 7Page - Intersil Corporation ISL3331IRZ Datasheet HTML 8Page - Intersil Corporation ISL3331IRZ Datasheet HTML 9Page - Intersil Corporation ISL3331IRZ Datasheet HTML 10Page - Intersil Corporation ISL3331IRZ Datasheet HTML 11Page - Intersil Corporation ISL3331IRZ Datasheet HTML 12Page - Intersil Corporation ISL3331IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
FN6361.0
May 20, 2008
RS-232 DRIVER and RECEIVER SWITCHING CHARACTERISTICS (485/232 = 0V, ALL VERSIONS AND SPEEDS)
Driver Output Transition Region
Slew Rate
SR
RL =3kΩ, Measured From 3V
to -3V or -3V to 3V
CL ≥ 15pF
Full
-
20
30
V/µs
CL ≤ 2500pF
Full
4
12
-
V/µs
Driver Output Transition Time
tr, tf
RL =3kΩ, CL = 2500pF, 10% to 90%
Full
0.22
1.2
3.1
µs
Driver Propagation Delay
tDPHL
RL =3kΩ, CL = 1000pF (Figure 6)
Full
-
1
2
µs
tDPLH
Full
-
1.2
2
µs
Driver Propagation Delay Skew
tDSKEW tDPHL - tDPLH (Figure 6)
Full
-
300
450
ns
Driver Enable Time
tDEN
25
-
1200
-
ns
Driver Disable Time
tDDIS
RL =5kΩ, Measured at VOUT = ±3V
25
-
500
-
ns
Driver Enable Time from Shutdown
tDENSD
VOUT = ±3.0V (Note 14)
25
-
25
-
µs
Driver Maximum Data Rate
DRD
RL =3kΩ, CL = 1000pF, One Transmitter
Switching
Full
250
400
-
kbps
Receiver Propagation Delay
tRPHL
CL = 15pF (Figure 7)
Full
-
40
120
ns
tRPLH
Full
-
60
120
ns
Receiver Propagation Delay Skew
tRSKEW tRPHL - tRPLH (Figure 7)
Full
-
20
40
ns
Receiver Maximum Data Rate
DRR
CL = 15pF
Full
0.46
2
-
Mbps
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 5)
Full
-
18
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 5)
Full
-
18
-
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 5)
Full
-
22
-
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 5)
Full
-
22
-
ns
Receiver Enable from Shutdown to
Output Low
tZLSHDN CL = 15pF, SW = VCC (Figure 5, Note 14)25
-
60
-
ns
Receiver Enable from Shutdown to
Output High
tZHSHDN CL = 15pF, SW = GND (Figure 5, Note 14)25
-
20
-
ns
RS-485 DRIVER SWITCHING CHARACTERISTICS (FAST DATA RATE (20Mbps), 485/232 = VCC, SLEW = VCC, ALL VERSIONS)
Driver Differential Input to Output
Delay
tDLH, tDHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
10
20
35
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
3
20
30
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
28
60
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
39
60
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
30
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
25
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC
(Figure 3, Note
14)
Full
-
100
250
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND
(Figure 3, Note
14)
Full
-
290
375
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
20
35
-
Mbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (MEDIUM DATA RATE (460kbps), 485/232 = VCC, SLEW = 0V, SPB (QFN Only) = VCC, ALL
VERSIONS)
Driver Differential Input to Output
Delay
tDLH, tDHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
200
500
1000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
10
150
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
300
660
1100
ns
Electrical Specifications
Test Conditions: VCC = 3.15V to 3.45V, C1 to C4 = 0.1µF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 3.3V, TA = +25°C (Note 9) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
ISL3330, ISL3331


Similar Part No. - ISL3331IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3331IRZ INTERSIL-ISL3331IRZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL3331IRZ RENESAS-ISL3331IRZ Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3331IRZ-T INTERSIL-ISL3331IRZ-T Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL3331IRZ-T RENESAS-ISL3331IRZ-T Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL3331IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com