Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3150E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3150E
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3150E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3150E Datasheet HTML 4Page - Intersil Corporation ISL3150E Datasheet HTML 5Page - Intersil Corporation ISL3150E Datasheet HTML 6Page - Intersil Corporation ISL3150E Datasheet HTML 7Page - Intersil Corporation ISL3150E Datasheet HTML 8Page - Intersil Corporation ISL3150E Datasheet HTML 9Page - Intersil Corporation ISL3150E Datasheet HTML 10Page - Intersil Corporation ISL3150E Datasheet HTML 11Page - Intersil Corporation ISL3150E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN6363.2
July 30, 2009
DRIVER SWITCHING CHARACTERISTICS (20Mbps Versions; ISL3156E, ISL3158E)
Driver Differential Output
Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
21
30
ns
Driver Differential Output
Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
0.2
3
ns
Driver Differential Rise or Fall
Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
12
16
ns
Maximum Data Rate
fMAX
CD = 470pF (Figure 4) (Note 17)
Full
20
55
-
Mbps
Driver Enable to Output High
tZH
RL = 500Ω, CL = 100pF, SW = GND
(Figure 3), (Note 9)
Full
-
30
45
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 100pF, SW = VCC
(Figure 3), (Note 9)
Full
-
28
45
ns
Driver Disable from Output
Low
tLZ
RL = 500Ω, CL = 15pF, SW = VCC
(Figure 3)
Full
-
50
65
ns
Driver Disable from Output
High
tHZ
RL = 500Ω, CL = 15pF, SW = GND
(Figure 3)
Full
-
38
60
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Driver Enable from
Shutdown to Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND
(Figure 3), (Notes 11, 12)
Full
-
-
200
ns
Driver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC
(Figure 3), (Notes 11, 12)
Full
-
-
200
ns
RECEIVER SWITCHING CHARACTERISTICS (115kbps and 1Mbps Versions; ISL3150E through ISL3155E)
Maximum Data Rate
fMAX
(Figure 5) (Note 17)
Full
1
12
-
Mbps
Receiver Input to Output
Delay
tPLH, tPHL (Figure 5)
Full
-
100
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
4
10
ns
Receiver Enable to Output
Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Note 10)
Full
-
9
20
ns
Receiver Enable to Output
High
tZH
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Note 10)
Full
-
7
20
ns
Receiver Disable from
Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6)
Full
-
8
15
ns
Receiver Disable from
Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6)
Full
-
8
15
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Receiver Enable from
Shutdown to Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Notes 11, 13)
Full
-
-
200
ns
Receiver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Notes 11, 13)
Full
-
-
200
ns
RECEIVER SWITCHING CHARACTERISTICS (20Mbps Versions; ISL3156E, ISL3158E)
Maximum Data Rate
fMAX
(Figure 5) (Note 17)
Full
20
30
-
Mbps
Receiver Input to Output
Delay
tPLH, tPHL (Figure 5)
Full
-
33
45
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA =+25°C (Note6). Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14) UNITS
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Similar Part No. - ISL3150E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3150E INTERSIL-ISL3150E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3150E INTERSIL-ISL3150E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3150E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com