Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3330 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3330
Description  3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3330 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3330 Datasheet HTML 1Page - Intersil Corporation ISL3330 Datasheet HTML 2Page - Intersil Corporation ISL3330 Datasheet HTML 3Page - Intersil Corporation ISL3330 Datasheet HTML 4Page - Intersil Corporation ISL3330 Datasheet HTML 5Page - Intersil Corporation ISL3330 Datasheet HTML 6Page - Intersil Corporation ISL3330 Datasheet HTML 7Page - Intersil Corporation ISL3330 Datasheet HTML 8Page - Intersil Corporation ISL3330 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN6361.0
May 20, 2008
TABLE 2. ISL3330 FUNCTION TABLE
INPUTS
RECEIVER
OUTPUTS
DRIVER OUTPUTS
DRIVER
SPEED
(Mbps)
CHARGE
PUMPS
(Note 1)
LOOPBACK
(Note 2)
MODE
485/232
ON
RXEN
DEN
SLEW
RA
RB
YZ
0
1
0
0
N/A
High-Z
High-Z
High-Z
High-Z
-
ON
OFF
RS-232
0
1
0
1
N/A
High-Z
High-Z
ON
ON
0.46
ON
OFF
RS-232
0
1
1
0
N/A
ON
ON
High-Z
High-Z
-
ON
OFF
RS-232
0
1
1
1
N/A
ON
ONONON
0.46
ON
OFF
RS-232
0
0
0
1
N/A
High-Z
High-Z
ON
High-Z
0.46
ON
OFF
RS-232
0
0
1
0
N/A
High-Z
ON
ON
High-Z
0.46
ON
OFF
RS-232
0
0
1
1
N/A
ON
ONONON
0.46
ON
ON
RS-232
X
0
0
0
X
High-Z
High-Z
High-Z
High-Z
-
OFF
OFF
Shutdown
1
1
0
0
X
High-Z
High-Z
High-Z
High-Z
-
OFF
OFF
RS-485
1
X
0
1
1/0
High-Z
High-Z
ON
ON
20/0.46
OFF
OFF
RS-485
1
X
1
0
X
ON
High-Z
High-Z
High-Z
-
OFF
OFF
RS-485
1
1
1
1
1/0
ON
High-Z
ON
ON
20/0.46
OFF
OFF
RS-485
1
0
1
1
1/0
ON
High-Z
ON
ON
20/0.46
OFF
ON
RS-485
NOTES:
1. Charge pumps are on if in RS-232 mode and ON or DEN or RXEN are high.
2. Loopback is enabled when ON = 0, and DEN = RXEN = 1.
ISL3330 Truth Tables
RS-232 TRANSMITTING MODE
INPUTS (ON = 1)
OUTPUTS
485/232
DEN
DY
DZ
YZ
010011
010110
011001
011100
0
0
X
X
High-Z
High-Z
RS-232 RECEIVING MODE
INPUTS (ON = 1)
OUTPUT
485/232
RXEN
A
B
RA
RB
010
01
1
010
11
0
011
00
1
011
10
0
0
1
Open
Open
1
1
0
0
X
X
High-Z
High-Z
RS-485 TRANSMITTING MODE
INPUTS (ON = 1)
OUTPUTS
485/232
DEN
DY
SLEW
Y
Z
DATA RATE
(Mbps)
11
0
1
1
0
20
11
1
1
0
1
20
11
0
0
1
0
0.46
11
1
0
0
1
0.46
1
0
X
X
High-Z High-Z
-
RS-485 RECEIVING MODE
INPUTS (ON = 1)
OUTPUT
485/232
RXEN
B-A
RA
RB
11
≥ -40mV
1
High-Z
11
≤ -200mV
0
High-Z
1
1
Open or Shorted together
1
High-Z
1
0
X
High-Z
High-Z
ISL3330, ISL3331


Similar Part No. - ISL3330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3330 INTERSIL-ISL3330 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
More results

Similar Description - ISL3330

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com