Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6261AIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6261AIRZ
Description  Single-Phase Core Regulator for IMVP-6 Mobile CPUs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6261AIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6261AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6261AIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
FN6354.3
November 5, 2009
Functional Pin Description
FDE
Forced diode emulation enable signal. Logic high of FDE
with logic low of DPRSTP# forces the ISL6261A to operate
in diode emulation mode with an increased VW-COMP
voltage window.
PMON
Analog voltage output pin. The voltage potential on this pin
indicates the power delivered to the output.
RBIAS
A 147K resistor to VSS sets internal current reference.
VR_TT#
Thermal overload output indicator with open-drain output.
Over-temperature pull-down resistance is 10.
NTC
Thermistor input to VR_TT# circuit and a 60µA current
source is connected internally to this pin.
SOFT
A capacitor from this pin to GND pin sets the maximum slew
rate of the output voltage. The SOFT pin is the non-inverting
input of the error amplifier.
OCSET
Overcurrent set input. A resistor from this pin to VO sets
DROOP voltage limit for OC trip. A 10µA current source is
connected internally to this pin.
VW
A resistor from this pin to COMP programs the switching
frequency (eg. 6.81k = 300kHz).
COMP
The output of the error amplifier.
FB
The inverting input of the error amplifier.
VDIFF
The output of the differential amplifier.
VSEN
Remote core voltage sense input.
RTN
Remote core voltage sense return.
DROOP
The output of the droop amplifier. DROOP-VO voltage is the
droop voltage.
DFB
The inverting input of the droop amplifier.
VO
An input to the IC that reports the local output voltage.
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VID2
VID1
VID0
VCCP
LGATE
VSSP
PHASE
UGATE
BOOT
NC
FDE
PMON
RBIAS
VR_TT#
NTC
SOFT
OCSET
VW
COMP
FB
GND PAD
(BOTTOM)
ISL6261A


Similar Part No. - ISL6261AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6261AIRZ RENESAS-ISL6261AIRZ Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261AIRZ-T RENESAS-ISL6261AIRZ-T Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
More results

Similar Description - ISL6261AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com